Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SP0504BAAT Arkusz danych(PDF) 3 Page - Littelfuse

Numer części SP0504BAAT
Szczegółowy opis  Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAAT Arkusz danych(HTML) 3 Page - Littelfuse

  SP0504BAAT Datasheet HTML 1Page - Littelfuse SP0504BAAT Datasheet HTML 2Page - Littelfuse SP0504BAAT Datasheet HTML 3Page - Littelfuse SP0504BAAT Datasheet HTML 4Page - Littelfuse SP0504BAAT Datasheet HTML 5Page - Littelfuse SP0504BAAT Datasheet HTML 6Page - Littelfuse SP0504BAAT Datasheet HTML 7Page - Littelfuse SP0504BAAT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
222
www.littelfuse .com
TVS Diode Arrays
Typical Diode Capacitance
vs. Reverse Voltage
Diode Reverse Voltage (V)
0
1
2
3
4
5
0
20
40
60
Mechanical Specifications
Lead Plating
Tin-Lead
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Package Information
Notes:
1. All dimensions are in millimeters.
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-203 ISSUE A.
5. Blo is facing up for mold and facing down for trim/form,
i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
-3 -2 -1
0
1
2
3
4
5
6
7
8 9
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
Input Voltage (V)
Typical Input VI Characteristics
(Pulse-mode measurements, pulse width = 0.7 mS nominal)



Html Pages

1 2 3 4 5 6 7 8