| Zakładka z wyszukiwarką danych komponentów |
|
312151--1 Arkusz danych(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
312151--1 Arkusz danych(HTML) 2 Page - Tyco Electronics |
|
2 / 5 page ![]() 408- 9607 Feed- Through Head Assembly 58443- 1 Rev C 2 of 5 Tyco Electronics Corporation 2. After making the test crimp, depress the locating pawl and push the receptacle out of the RIGHT side of the head. 3. Inspect the termination according to Section 5. If necessary, make the following adjustment: — For the manual handle assembly or electric power unit, if the wire is inserted too deep or not deep enough in the contact slot, adjust the wire insertion depth according to Paragraph 3.3. Then, repeat the termination procedure and inspection. — For the pistol grip pneumatic handle assembly or pneumatic power bench assembly, if the wire is inserted too deep in the contact slot, adjust the wire insertion depth according to Paragraph 3.3. If the wire is not inserted deep enough in the contact slot, increase the air pressure by 69 kPa [10 psi], and repeat the termination and inspection procedure until either the proper insertion depth is obtained or the air pressure is set to 483 kPa [70 psi]. If the proper insertion depth is not reached at 483 kPa [70 psi], return the air pressure to 276 kPa [40 psi], and adjust the wire insertion depth according to Paragraph 3.3. Then, repeat the termination procedure and inspection. 3.2. Insert Housing Adjustment If the receptacle cannot be inserted into the head, or if the receptacle is too loose in the head, loosen the two screws on the insert housing, and adjust the insert housing until the receptacle fits properly in the head. 3.3. Wire Insertion Depth Adjustment 1. Remove the head from the tool. 2. If the wire is inserted too deep, turn the rod inserter adjuster clockwise one--sixth of a revolution (the wire insertion depth will be decreased by approximately 0.20 mm [.008 in.]). If the wire is not inserted deep enough, turn the rod inserter adjuster counterclockwise one--sixth of a revolution (the wire insertion depth will be increased by approximately 0.20 mm [.008 in.]). Refer toFigure4. 4. TERMINATION PROCEDURE 1. Determine the wire size and select the appropriate receptacle (receptacles are color--coded according to wire size). 2. Install the head onto the tool according to the instructions packaged with the tool. 3. Refer to Figure 2, and: — for the electric power unit, insert the receptacle into the LEFT side of head (in the direction of the arrow) until the first contact aligns with the wire inserter. — for the manual handle assembly, pistol grip pneumatic handle assembly, and pneumatic power bench assembly, depress and hold the trigger or foot pedal (the wire inserter should extend), and insert the receptacle into the LEFT side of head (in Figure 2 Locating Pawl Wire Sub--Assembly Retainer Feed Slide Pistol Grip Manual Handle Assembly (Ref) Left Side of Head Index Ribs of Receptacle Discrete Wires Receptacle Funnel Area Wire Inserter (Hidden) Retainer Latch |