Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACTF4201/415/DCC8 Arkusz danych(PDF) 6 Page - Advanced Crystal Technology

Numer części ACTF4201/415/DCC8
Szczegółowy opis  RF filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACT [Advanced Crystal Technology]
Strona internetowa  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF4201/415/DCC8 Arkusz danych(HTML) 6 Page - Advanced Crystal Technology

  ACTF4201/415/DCC8 Datasheet HTML 1Page - Advanced Crystal Technology ACTF4201/415/DCC8 Datasheet HTML 2Page - Advanced Crystal Technology ACTF4201/415/DCC8 Datasheet HTML 3Page - Advanced Crystal Technology ACTF4201/415/DCC8 Datasheet HTML 4Page - Advanced Crystal Technology ACTF4201/415/DCC8 Datasheet HTML 5Page - Advanced Crystal Technology ACTF4201/415/DCC8 Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email:info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
- 6 -
Recommended Soldering Profile
1.
The specifications of this device are subject to change or obsolescence without notice.
2.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility
of the equipment manufacturer.
3.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes
and circuits implemented within components or assemblies.



Html Pages

1 2 3 4 5 6