| Zakładka z wyszukiwarką danych komponentów |
|
TCLT1005 Arkusz danych(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
TCLT1005 Arkusz danych(HTML) 2 Page - Vishay Siliconix |
|
2 / 12 page ![]() TCLT10.. Series Vishay Telefunken www.vishay.com 2 (12) Rev. A3, 19–Mar–01 Document Number 83515 Order Instruction Ordering Code CTR Ranking Remarks TCLT1000 50 to 600% 4 Pin = Single channel TCLT1001 40 to 80% 4 Pin = Single channel TCLT1002 63 to 125% 4 Pin = Single channel TCLT1003 100 to 200% 4 Pin = Single channel TCLT1005 50 to 150% 4 Pin = Single channel TCLT1006 100 to 300% 4 Pin = Single channel TCLT1007 80 to 160% 4 Pin = Single channel TCLT1008 130 to 260% 4 Pin = Single channel TCLT1009 200 to 400% 4 Pin = Single channel Features Approvals: D BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN 60950 (BS 7002), Certificate number 7081 and 7402 D Underwriters Laboratory (UL) 1577 recognized, file number E-76222 – Double Protection D CSA (C-UL) 1577 recognized file number E- 76222 - Double Protection D VDE 0884, Certificate number 132473 VDE 0884 related features: D Rated impulse voltage (transient overvoltage) VIOTM = 8 kV peak D Isolation test voltage (partial discharge test voltage) Vpd = 1.6 kV D Rated isolation voltage (RMS includes DC) VIOWM = 600 VRMS (848 V peak) D Rated recurring peak voltage (repetitive) VIORM = 600 VRMS D Creepage current resistance according to VDE 0303/IEC 112 Comparative Tracking Index: CTI ≥ 175 D Thickness through insulation ≥ 0.75 mm D Creepage distance > 8 mm D Tested acc. 60950: Am4: 1997 clause 2.9.6. General features: D Low profile package D CTR offered in 9 groups D Isolation materials according to UL94-VO D Pollution degree 2 (DIN/VDE 0110 / resp. IEC 664) D Climatic classification 55/100/21 (IEC 68 part 1) D Special construction: Therefore, extra low coupling capacity of typical 0.2 pF, high Common Mode Rejection D Low temperature coefficient of CTR D Coupling System W |