| Zakładka z wyszukiwarką danych komponentów |
|
TLV3401CDBV Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV3401CDBV Arkusz danych(HTML) 2 Page - Texas Instruments |
|
2 / 14 page ![]() TLV3401, TLV3402, TLV3404 FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS SLCS135A – AUGUST 2000 – REVISED NOVEMBER 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV3401 AVAILABLE OPTIONS V max PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE (D)† SOT-23 (DBV)‡ SYMBOL PLASTIC DIP (P) 0 °C to 70°C 3600 µV TLV3401CD TLV3401CDBV VBDC — -40 °C to 125°C 3600 µV TLV3401ID TLV3401IDBV VBDI TLV3401IP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3401CDR). ‡ This package is only available taped and reeled. For standard quantities (3000 pieces per reel), add an R suffix (i.e., TLV3401CDBVR. For small quantities (250 pieces per mini-reel), add a T suffix to the part number (e.g., TLV3401CDBVT). TLV3402 AVAILABLE OPTIONS Vma PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE (D)† MSOP (DGK)† SYMBOL PLASTIC DIP (P) 0 °C to 70°C 3600 µV TLV3402CD TLV3402CDGK xxTIAJJ — – 40 °C to 125°C 3600 µV TLV3402ID TLV3402IDGK xxTIAJK TLV3402IP † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3402CDR). TLV3404 AVAILABLE OPTIONS Vma PACKAGED DEVICES TA VIOmax AT 25 °C SMALL OUTLINE (D)† PLASTIC DIP (N) TSSOP (PW) 0 °C to 70°C 3600 µV TLV3404CD — TLV3404CPW – 40 °C to 125°C 3600 µV TLV3404ID TLV3404IN TLV3404IPW † This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV3404CDR). 3 2 4 5 (TOP VIEW) 1 OUT GND IN+ VCC IN – TLV3401 DBV PACKAGE 1 2 3 4 8 7 6 5 NC IN – IN + GND NC VCC OUT NC TLV3401 D OR P PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 1OUT 1IN – 1IN + GND VCC 2OUT 2IN – 2IN+ TLV3402 D, DGK, OR P PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN – 1IN+ VCC 2IN+ 2IN – 2OUT 4OUT 4IN – 4IN+ GND 3IN+ 3IN – 3OUT (TOP VIEW) TLV3404 D, N, OR PW PACKAGE |