| Zakładka z wyszukiwarką danych komponentów |
|
DM7497 Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM7497 Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Functional Description (Continued) Mode and Rate Select Table (Note 1) Inputs Clock Outputs Notes MR CE EZ S5 S4 S3 S 2 S1 S0 Pulses EY OY OZ TC H X H X X XXX X X H L H H 2 L L L L L LLL L 64 H L H 1 3 L L L L L LLL H 64 H 1 1 1 3 L L L LLL L H L 64 H 2 2 1 3 L L L L L LHL L 64 H 4 4 1 3 LL L L L H L L L 64 H 8 8 1 3 L L L L H L L L L 64 H 16 16 1 3 L L L H L L L L L 64 H 32 32 1 3 L L L H H H H H H 64 H 63 62 1 3 L L L H H HHH H 64 L H 63 1 4 L L L H L L L L L 64 H 40 40 1 5 H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial Note 1 Numerals indicate number of pulses per cycle Note 2 This is a simplified illustration of the clear function CP and EZ also affect the logic level of OY and OZ A LOW signal on EY will cause OY to remain HIGH Note 3 Each rate illustrated assumes S0–S5 are constant throughout the cycle however these illustrations in no way prohibit variable- rate operation Note 4 EY is used to inhibit output Y Note 5 fout e m fin 64 e (32 a 8) fin 64 e 40 fin 64 e 0625 fin Pulse Pattern Table m Output Pulse Pattern at OZ 1 1111111111111111111111111111111011111111111111111111111111111111 2 1111111111111110111111111111111111111111111111101111111111111111 3 1111111111111110111111111111111011111111111111101111111111111111 4 1111111011111111111111101111111111111110111111111111111011111111 5 1111111011111111111111101111111011111110111111111111111011111111 6 1111111011111110111111101111111111111110111111101111111011111111 8 1110111111101111111011111110111111101111111011111110111111101111 10 1110111111101111111011111110111111101111111011101110111111101111 12 1110111011101111111011101110111111101110111011111110111011101111 14 1110111011101110111011101110111111101110111011101110111011101111 16 1011101110111011101110111011101110111011101110111011101110111011 20 1011101010111011101110101011101110111010101110111011101110111011 24 1010101110101011101010111010101110101011111010111010101110101011 28 1010101010101011101010101010101110101010101010111010101010101011 32 010101 0101 5 |