Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CBT-BGA-6018 Arkusz danych(PDF) 3 Page - Ironwood Electronics.

Numer części CBT-BGA-6018
Szczegółowy opis  Low and stable contact resistance for reliable production yield
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRONWOOD [Ironwood Electronics.]
Strona internetowa  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6018 Arkusz danych(HTML) 3 Page - Ironwood Electronics.

  CBT-BGA-6018 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6018 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6018 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6018 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6018 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E
D
e
1.50
6.40
12.00
b
0.25 C A B
0.10
SEE NOTE 3
0.20
A
0.10
A
A
A1
DETAIL A
SCALE 6 : 1
0.20 C
0.20 C
C
1. Dimensions are in millimeters.
2. Interpret dimensions and tolerances per ASME Y14.5M-1994.
3. Dimension b is measured at the maximum solder ball diameter, parallel to datum plane C.
4. Datum C (seating plane) is defined by the spherical crowns of the solder balls.
5. Parallelism measurement shall exclude any effect of mark on top surface of package.
Ironwood Package Code: BGA96G
DIM
Minimum Maximum
A
1.0
1.2
A1
0.29
0.39
b
0.50
D
9.00 BSC
E
13.0 BSC
e
0.8 BSC
ARRAY
9 X 16
PIN COUNT
96
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Compatible BGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Approval Pending
REV. C.03
DATE: 9/7/2012
Material: Material <not specified>
Finish:
Weight: 13.66
CBT-BGA-6018 Drawing
SCALE: 7:1
SHEET: 3 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6018
DRAWN BY: V. Panavala



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com