Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP3983ITLX-2.5 Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LP3983ITLX-2.5
Szczegółowy opis  Micropower, Low Quiescent Current, CMOS Voltage Regulator in micro SMD Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3983ITLX-2.5 Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  LP3983ITLX-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3983ITLX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN
−0.3 to 6.5V
V
EN
−0.3 to (V
IN + 0.3V) to
6.5V(max)
V
OUT
−0.3V to(V
IN + 0.3V) to
6.5V(max)
Junction Temperature
150˚C
Storage Temperature
−65˚C to +150˚C
Pad Temperature
(Soldering, 10 sec.)
265˚C
ESD (Note 4)
Human Body Model
2KV
Machine Model
100V
Operating Ratings (Notes 1, 2)
V
IN (Note 9)
V
IN(MIN)to 6V
V
EN,
0 to 6.0V
Recommended Load Current
0 to 5mA
Junction Temperature
−40˚C to +125˚C
Ambient Temperature
(Note 3)
−40˚C to +119˚C
Thermal Properties (Note 3)
Junction to Ambient Thermal
Resistance (
θ
JA)
255˚C/W
Electrical Characteristics
Unless otherwise specified: V
EN = 1.8V,VIN =VOUT(nom) + 1.0V, CIN = 1.0 µF, IOUT = 1.0mA, COUT = 1.0 µF. Typical values
and limits appearing in standard typeface are for T
J = 25˚C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, −40˚C to +125˚C. (Note 10) (Note 11)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
∆V
OUT
Output Voltage
Tolerance
I
OUT = 0mA to 5mA
-55
+55
mV from
V
OUT(nom)
-96
+96
−6
+6
%of
V
OUT(nom)
PSRR
Power Supply Rejection
Ratio
V
IN =VOUT(nom) + 1V,
f
≤10 kHz, I
OUT = 1mA
10
dB
I
Q
Quiescent Current
I
OUT = 50µA, VIN = 4.2V
14
21
µA
V
EN = 0.4V, VIN = 4.2V
1
3
I
SC
Short Circuit Current
Limit (Note 7)
Output Grounded
28
35
mA
I
OUT
Maximum Output
Current
(Note 6)
5
mA
Logic Control Characteristics
I
EN
Maximum Input Current
at V
EN input
V
EN = 0.4 and VIN= 6.0V
0.02
µA
V
IL
Logic Low Input
Threshold
V
IN =VIN(MIN) to 6.0V
0.5
V
V
IH
Logic High Input
Threshold
V
IN =VIN(MIN) to 6.0V
1.2
V
Timing Characteristics
T
ON
Turn on Time(Note 7)
(Note 8)
170
250
µs
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125˚C), the maximum power
dissipation of the device in te application (PD(max)), and the junction to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA(max) =TJ(max-op) -(θJA xPD(max)).
Note 4: The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged directly into each
pin.
Note 5: Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power dissipation is possible,
special care must be paid to thermal dissipation issues in board design.
Note 6: The device maintains the regulated output voltage without load.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10