| Zakładka z wyszukiwarką danych komponentów |
|
ICS952001 Arkusz danych(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952001 Arkusz danych(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 17 page ![]() 3 Third party brands and names are the property of their respective owners. Integrated Circuit Systems, Inc. ICS952001 Preliminary Product Preview 0 L E S T L U M 3 2 e t y B 7 t i B t e g r a T d r a o B Z m r e T / e c a r T , R e c n e r e f e R = f e r I ) r R * 3 ( / d d V t u p t u O t n e r r u C , Z @ h o V A m 2 3 . 2 = f e r I 00 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 5 = h o I0 6 @ V 1 7 . 0 00 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 5 = h o I0 5 @ V 9 5 . 0 01 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 4 = h o I0 6 @ V 6 5 . 0 01 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 4 = h o I0 5 @ V 7 4 . 0 10 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 6 = h o I0 6 2 / V 5 8 . 0 10 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 6 = h o I0 5 @ V 1 7 . 0 11 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 7 = h o I0 6 @ V 9 9 . 0 11 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 7 = h o I0 5 @ V 2 8 . 0 00 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 5 = h o I0 3 @ V 5 7 . 0 00 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 5 = h o I0 2 @ V 2 6 . 0 01 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 4 = h o I0 2 @ 0 6 . 0 01 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 4 = h o I0 2 @ V 5 . 0 10 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 6 = h o I0 3 @ V 0 9 . 0 10 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 6 = h o I0 2 @ V 5 7 . 0 11 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 7 = h o I0 3 @ V 5 0 . 1 11 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 7 = h o I0 2 @ V 4 8 . 0 CPUCLK Swing Select Functions |