Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFH4441 Arkusz danych(PDF) 1 Page - OSRAM GmbH

Numer części SFH4441
Szczegółowy opis  Narrow beam LED in Mini MIDLED package (940 nm)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4441 Arkusz danych(HTML) 1 Page - OSRAM GmbH

  SFH4441 Datasheet HTML 1Page - OSRAM GmbH SFH4441 Datasheet HTML 2Page - OSRAM GmbH SFH4441 Datasheet HTML 3Page - OSRAM GmbH SFH4441 Datasheet HTML 4Page - OSRAM GmbH SFH4441 Datasheet HTML 5Page - OSRAM GmbH SFH4441 Datasheet HTML 6Page - OSRAM GmbH SFH4441 Datasheet HTML 7Page - OSRAM GmbH SFH4441 Datasheet HTML 8Page - OSRAM GmbH SFH4441 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2015-11-23
1
2015-11-23
Narrow beam LED in Mini MIDLED package (940 nm)
Version 1.3
SFH 4441
Ordering Information
Features:
•
Highly Efficient Infrared LED
•
Short switching times
•
Narrow halfangle (+-17°)
•
Low profile component
Applications
•
Sensor technology
•
For control and drive circuits
•
Proximity sensor
•
Mobile devices
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
Ie [mW/sr]
IF = 100 mA, tp= 20 ms
SFH 4441
65 (≥ 25)
Q65111A4266
Note:
Measured at a solid angle of Ω = 0.01 sr


Podobny numer części - SFH4441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH4450 OSRAM-SFH4450 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4451 OSRAM-SFH4451 Datasheet
727Kb / 13P
Narrow beam LED in Mini MIDLED package (850 nm)
More results

Podobny opis - SFH4441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH4451 OSRAM-SFH4451 Datasheet
727Kb / 13P
Narrow beam LED in Mini MIDLED package (850 nm)
SFH4641 OSRAM-SFH4641 Datasheet
452Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4646 OSRAM-SFH4646 Datasheet
443Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4647 OSRAM-SFH4647 Datasheet
395Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4656 OSRAM-SFH4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package (850 nm)
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH-4441 OSRAM-SFH-4441 Datasheet
729Kb / 14P
Narrow beam LED in Mini MIDLED package
SFH-4451 OSRAM-SFH-4451 Datasheet
728Kb / 13P
Narrow beam LED in Mini MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com