Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFH4646 Arkusz danych(PDF) 1 Page - OSRAM GmbH

Numer części SFH4646
Szczegółowy opis  Narrow beam LED in MIDLED package (940 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4646 Arkusz danych(HTML) 1 Page - OSRAM GmbH

  SFH4646 Datasheet HTML 1Page - OSRAM GmbH SFH4646 Datasheet HTML 2Page - OSRAM GmbH SFH4646 Datasheet HTML 3Page - OSRAM GmbH SFH4646 Datasheet HTML 4Page - OSRAM GmbH SFH4646 Datasheet HTML 5Page - OSRAM GmbH SFH4646 Datasheet HTML 6Page - OSRAM GmbH SFH4646 Datasheet HTML 7Page - OSRAM GmbH SFH4646 Datasheet HTML 8Page - OSRAM GmbH SFH4646 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-11-23
1
2015-11-23
Narrow beam LED in MIDLED package (940 nm)
Version 1.5
SFH 4646
Ordering Information
Features:
High Power Infrared LED (35 mW)
Short switching times
Narrow halfangle (± 10°)
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Taping as Sidelooker
Also available as Toplooker (SFH4641)
Applications
Infrared Illumination for cameras
IR data transmission
Automotive sensors
Remote control
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 70 mA, tp = 20 ms
SFH 4646
55 (≥ 16)
Q65110A8099
Note:
Measured at a solid angle of Ω = 0.01 sr


Podobny numer części - SFH4646

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH4640 OSRAM-SFH4640 Datasheet
275Kb / 14P
Emitters and Detectors for Infrared (IR) Touchscreens
SFH4640 OSRAM-SFH4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640-UV OSRAM-SFH4640-UV Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH4640EN OSRAM-SFH4640EN Datasheet
481Kb / 13P
Also available as Sidelooker
More results

Podobny opis - SFH4646

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH4441 OSRAM-SFH4441 Datasheet
729Kb / 14P
Narrow beam LED in Mini MIDLED package (940 nm)
SFH4451 OSRAM-SFH4451 Datasheet
727Kb / 13P
Narrow beam LED in Mini MIDLED package (850 nm)
SFH4641 OSRAM-SFH4641 Datasheet
452Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4647 OSRAM-SFH4647 Datasheet
395Kb / 13P
Narrow beam LED in MIDLED package (940 nm)
SFH4656 OSRAM-SFH4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package (850 nm)
SFH4651 OSRAM-SFH4651 Datasheet
451Kb / 13P
Narrow beam LED in MIDLED package
SFH4650 OSRAM-SFH4650_18 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4640 OSRAM-SFH-4640 Datasheet
481Kb / 13P
Narrow beam LED in MIDLED package
SFH-4646 OSRAM-SFH-4646 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
SFH-4656 OSRAM-SFH-4656 Datasheet
444Kb / 13P
Narrow beam LED in MIDLED package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com