| Zakładka z wyszukiwarką danych komponentów |
|
XO5184-1588-R Arkusz danych(PDF) 2 Page - MTRONPTI |
|
|
|||||||||||||||||||||||||||||
XO5184-1588-R Arkusz danych(HTML) 2 Page - MTRONPTI |
|
2 / 3 page ![]() MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application. Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800. XO5184-1588-R Series Synchronous Ethernet HCMOS SMT or Through Hole OCXO Part Marking Line 1 MtronPTI Line 2 XO5184-1588 Line 3 Frequency Line 4 Serial Number Line 5 Date Code Legend yy Year ww Work Week Pin Function 1 N/C 2 N/C 3 Supply Voltage 4 RF Output 5 N/C 6 N/C 7 Case Ground Through Hole Package SMT Package Pin Function 1 Vtune 2 N/C 3 N/C 7 Vref 8 Ground 9 Ground 10 RF Output 16 Supply Please contact the factory for other surface mount configurations. Part Marking Line 1 MtronPTI Line 2 XO5184-1588 Line 3 Frequency Line 4 Serial Number Line 5 Date Code Legend yy Year ww Work Week |