| Zakładka z wyszukiwarką danych komponentów |
|
8147 Arkusz danych(PDF) 2 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
8147 Arkusz danych(HTML) 2 Page - Mallory performance club |
|
2 / 2 page ![]() EVEN INCREMENTS ODD INCREMENTS 3,000 3,800 PN 8743 3,100 3,900 PN 87431 4,000 4,800 PN 8744 4,100 4,900 PN 87441 5,000 5,800 PN 8745 5,100 5,900 PN 87451 6,000 6,800 PN 8746 6,100 6,900 PN 87461 7,000 7,800 PN 8747 7,100 7,900 PN 87471 8,000 8,800 PN 8748 8,100 8,900 PN 87481 9,000 9,800 PN 8749 9,100 9,900 PN 87491 10,000 10,800 PN 8750 11,000 11,800 PN 8751 12,000 12,800 PN 8752 13,000 13,800 PN 8753 Additional RPM Modules are available in sets of five in 200 rpm increments. For example, the PN 8750 includes 10,000, 10,200, 10,400, 10,600, and 10,800 modules. Limited Warranty MSD warrants this product to be free from defects in material and workmanship under its intended normal use*, when properly installed and purchased from an authorized MSD dealer, for a period of one year from the date of the original purchase. This warranty is void for any products purchased through auction websites. If found to be defective as mentioned above, it will be repaired or replaced at the option of MSD. Any item that is covered under this warranty will be returned free of charge using Ground shipping methods. This shall constitute the sole remedy of the purchaser and the sole liability of MSD. To the extent permitted by law, the foregoing is exclusive and in lieu of all other warranties or representation whether expressed or implied, including any implied warranty of merchantability or fitness. In no event shall MSD or its suppliers be liable for special or consequential damages. *Intended normal use means that this item is being used as was originally intended and for the original application as sold by MSD. Any modifications to this item or if it is used on an application other than what MSD markets the product, the warranty will be void. It is the sole responsibility of the customer to determine that this item will work for the application they are intending. MSD will accept no liability for custom applications. Service In case of malfunction, this MSD component will be repaired free of charge according to the terms of the warranty. When returning MSD components for warranty service, Proof of Purchase must be supplied for verification. After the warranty period has expired, repair service is based on a minimum and maximum fee. All returns must have a Return Material Authorization (RMA) number issued to them before being returned. To obtain an RMA number please contact MSD Customer Service at 1 (888) MSD-7859 or visit our website at www.msdperformance.com/rma to automatically obtain a number and shipping information. When returning the unit for repair, leave all wires at the length in which you have them installed. Be sure to include a detailed account of any problems experienced, and what components and accessories are installed on the vehicle. The repaired unit will be returned as soon as possible using Ground shipping methods (ground shipping is covered by warranty). For more information, call MSD at (915) 855-7123. MSD technicians are available from 7:00 a.m. to 5:00 p.m. Monday - Friday (mountain time). M S D • W W W . M S D P E R F O R M A N C E . C O M • ( 9 1 5 ) 8 5 7 - 5 2 0 0 • F A X ( 9 1 5 ) 8 5 7 - 3 3 4 4 © 2012 Autotronic Controls Corporation FRM28956 Revised 01/12 Printed in U.S.A. |