Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM79C970 Arkusz danych(PDF) 154 Page - Advanced Micro Devices

Numer części AM79C970
Szczegółowy opis  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Arkusz danych(HTML) 154 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 150Page - Advanced Micro Devices AM79C970 Datasheet HTML 151Page - Advanced Micro Devices AM79C970 Datasheet HTML 152Page - Advanced Micro Devices AM79C970 Datasheet HTML 153Page - Advanced Micro Devices AM79C970 Datasheet HTML 154Page - Advanced Micro Devices AM79C970 Datasheet HTML 155Page - Advanced Micro Devices AM79C970 Datasheet HTML 156Page - Advanced Micro Devices AM79C970 Datasheet HTML 157Page - Advanced Micro Devices AM79C970 Datasheet HTML 158Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 168 page
background image
1-1021
Am79C970
Alternative Method for Initialization
APPENDIX C
The PCnet-PCI controller may be initialized by perform-
ing I/O writes only. That is, data can be written directly to
the appropriate control and status registers (CSR in-
stead of reading from the initialization Block in memory).
The registers that must be written are shown in the table
below. These register writes are followed by writing the
START bit in CSR0.
Control and Status Register
Comment
CSR8
LADRF[15:0]
CSR9
LADRF[31:16]
CSR10
LADRF[47:32]
CSR11
LADRF[63:48]
CSR12
PADR[15:0]
CSR13
PADR[31:16]
CSR14
PADR[47:32]
CSR15
Mode
CSR24-25
BADR
CSR30-31
BADX
CSR47
POLLINT
CSR76
RCVRL
CSR78
XMTRL
Note:
The INIT bit must not be set or the initialization block will be accessed instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More