| Zakładka z wyszukiwarką danych komponentów |
|
AP1623SL Arkusz danych(PDF) 2 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP1623SL Arkusz danych(HTML) 2 Page - Anachip Corp |
|
2 / 6 page ![]() AP1623 PWM Control Step-Down Switching Regulator-Converter Anachip Corp. www.anachip.com.tw Rev. 0.1 Feb 10, 2004 2/6 Ordering Information AP 1623 X X X Package Packing S: SOP-8L Blank : Tube A : Taping Lead Free Blank : Normal L : Lead Free Package Block Diagram Oscillation Circuit Reference Voltage Source with Soft Start PWM-Switched Control Circuit + - + C OUT VOUT VSS V ON/OFF ON/OFF SD L CPVCC VIN VCC SD SW PVCC CVCC R Absolute Maximum Ratings Symbol Parameter Rating Unit VCC *1 VCC pin voltage VSS - 0.3 to VSS + 18 V PVCC PVCC pin voltage VSS - 0.3 to VSS + 18 V VOUT VOUT pin voltage VSS - 0.3 to VSS + 18 V VON/OFF *1 ON/OFF pin voltage VSS - 0.3 to VSS + 18 V VSW Switch pin voltage VSS - 0.3 to VIN + 0.3 V PD Power dissipation 800 mW TOPR Operating temperature range -20 to +85 oC TSTG Storage temperature range -20 to +125 oC Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. |