| Zakładka z wyszukiwarką danych komponentów |
|
ADA4096-2ACPZ-R7 Arkusz danych(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4096-2ACPZ-R7 Arkusz danych(HTML) 3 Page - Analog Devices |
|
3 / 24 page ![]() Data Sheet ADA4096-2/ADA4096-4 SPECIFICATIONS ELECTRICAL SPECIFICATIONS, VSY = ±1.5 V VSY = ±1.5 V, VCM = VSY/2, TA = 25°C, unless otherwise noted. Table 2. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INPUT CHARACTERISTICS Offset Voltage VOS 35 300 µV 0°C ≤ TA ≤ +125°C 450 µV −40°C ≤ TA ≤ +125°C 900 µV Offset Voltage Drift ∆VOS/∆T −40°C ≤ TA ≤ +125°C 1 µV/°C Input Bias Current IB ±10 ±25 nA −40°C ≤ TA ≤ +125°C ±30 nA Input Offset Current IOS ±0.1 ±1.5 nA −40°C ≤ TA ≤ +125°C ±3 nA Input Voltage Range −1.5 +1.5 V Common-Mode Rejection Ratio CMRR VCM = 0 V to ±1.5 V 61 77 dB −40°C ≤ TA ≤ +125°C 58 dB Large Signal Voltage Gain AVO RL = 10 kΩ, VO = −1.4 V to +1.4 V 91 94 dB −40°C ≤ TA ≤ +125°C 84 dB RL = 2 kΩ, VO = −1.3 V to +1.3 V 86 92 dB −40°C ≤ TA ≤ +125°C 77 dB MATCHING CHARACTERISTICS Offset Voltage TA = 25°C 100 300 µV OUTPUT CHARACTERISTICS Output Voltage High VOH RL = 10 kΩ to GND 1.48 1.49 V −40°C ≤ TA ≤ +125°C 1.45 V RL = 2 kΩ to GND 1.45 1.46 V −40°C to +125°C 1.40 V Output Voltage Low VOL RL = 10 kΩ to GND −1.49 −1.48 V −40°C ≤ TA ≤ +125°C −1.45 V RL = 2 kΩ to GND −1.48 −1.47 V −40°C ≤ TA ≤ +125°C −1.40 V Short-Circuit Limit ISC Source/sink ±10 mA Closed-Loop Impedance ZOUT f = 100 kHz, AV = 1 102 Ω POWER SUPPLY Power Supply Rejection Ratio PSRR VSY = 3 V to 36 V 100 dB −40°C ≤ TA ≤ +125°C 90 dB Supply Current per Amplifier ISY VO = VSY/2 40 50 µA −40°C ≤ TA ≤ +125°C 80 µA DYNAMIC PERFORMANCE Slew Rate SR RL = 100 kΩ, CL = 30 pF 0.25 V/µs Gain Bandwidth Product GBP VIN = 5 mV p-p, RL = 10 kΩ, AV = 100 501 kHz Unity-Gain Crossover UGC VIN = 5 mV p-p, RL = 10 kΩ, AV = 1 465 kHz Phase Margin ΦM 51 Degrees −3 dB Closed-Loop Bandwidth f−3 dB AV = 1, VIN = 5 mV p-p 970 kHz NOISE PERFORMANCE Voltage Noise en p-p 0.1 Hz to 10 Hz 0.7 µV p-p Voltage Noise Density en f = 1 kHz 27 nV/√Hz Current Noise Density in f = 1 kHz 0.2 pA/√Hz Rev. F | Page 3 of 24 |