| Zakładka z wyszukiwarką danych komponentów |
|
ADA4084-4ACPZ-R7 Arkusz danych(PDF) 26 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4084-4ACPZ-R7 Arkusz danych(HTML) 26 Page - Analog Devices |
|
26 / 35 page ![]() ADA4084-1/ADA4084-2/ADA4084-4 Data Sheet Rev. H | Page 26 of 35 15 10 –15 –10 –5 0 5 0 4 8 12 36 28 32 24 20 16 TIME (µs) VSY = ±15V TA = 25°C RL = 2kΩ CL = 100pF Figure 90. Large Signal Transient Response 80 60 40 20 0 –80 –60 –40 –20 0 2 1 4 3 7 8 9 6 5 10 TIME (µs) VSY = ±15V TA = 25°C RL = 2kΩ CL = 100pF Figure 91. Small Signal Transient Response 10 –25 –20 –5 –10 –15 0 5 0.20 –0.15 –0.10 –0.05 0 0.05 0.10 0.15 –2 0 2 4 8 6 18 16 12 10 14 TIME (µs) VSY = ±15V TA = 25°C INPUT OUTPUT Figure 92. Settling Time 10 1 1 10 100 1k 10k 100k FREQUENCY (Hz) VSY = ±15V TA = 25°C 4 Figure 93. Voltage Noise Density vs. Frequency 70 50 60 40 30 20 10 0 1 1000 100 10 LOAD CAPACITANCE (pF) VSY = ±15V VIN = 100mV p-p RL = 2kΩ TA = 25°C OS+ OS– Figure 94. Overshoot vs. Load Capacitance 0 2 4 6 8 10 60 –60 TIME (Seconds) –40 –20 0 20 40 VSY = ±15V TA = 25°C Figure 95. Voltage Noise 0.1 Hz to 10 Hz |