| Zakładka z wyszukiwarką danych komponentów |
|
ADA4077-4ARZ-R7 Arkusz danych(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4077-4ARZ-R7 Arkusz danych(HTML) 4 Page - Analog Devices |
|
4 / 25 page ![]() ADA4077-1/ADA4077-2/ADA4077-4 Data Sheet Rev. D | Page 4 of 25 Parameter Symbol Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE Slew Rate SR R L = 2 kΩ 1.2 V/µs Settling Time to 0.1% t S V IN = 1 V step, RL = 2 kΩ, AV = −1 3 µs Gain Bandwidth Product GBP V IN = 10 mV p-p, RL = 2 kΩ, AV = +100 3.9 MHz Unity-Gain Crossover UGC V IN = 10 mV p-p, RL = 2 kΩ, AV = +1 3.9 MHz −3 dB Closed-Loop Bandwidth −3 dB A V = +1, VIN = 10 mV p-p, RL = 2 kΩ 5.9 MHz Phase Margin ΦM V IN = 10 mV p-p, RL = 2 kΩ, AV = +1 55 Degrees Total Harmonic Distortion Plus Noise THD + N V IN = 1 V rms, AV = +1, RL = 2 kΩ, f = 1 kHz 0.004 % NOISE PERFORMANCE Voltage Noise e n p-p 0.1 Hz to 10 Hz 0.25 µV p-p Voltage Noise Density e n f = 1 Hz 13 nV/√Hz f = 100 Hz 7 nV/√Hz f = 1000 Hz 6.9 nV/√Hz Current Noise Density i n f = 1 kHz 0.2 pA/√Hz MULTIPLE AMPLIFIERS CHANNEL SEPARATION C S f = 1 kHz, R L = 10 kΩ −125 dB |