| Zakładka z wyszukiwarką danych komponentów |
|
HMC992LP5E Arkusz danych(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
HMC992LP5E Arkusz danych(HTML) 1 Page - Analog Devices |
|
1 / 22 page ![]() For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Application Support: Phone: 978-250-3343 or apps@hittite.com 1 HMC992LP5E v03.1013 IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz Functional Diagram Electrical Specifications, T A = +25° C, 50 Ohm System, Vdd = ATTN1Vdd = ATTN2Vdd = DETVDD = +5V [1] The HMC992LP5E is ideal for: • Cellular/3G Infrastructure • WiBro / WiMAX / 4G • Microwave Radio & VSAT • Test Equipment and Sensors • IF & RF Applications Wide Gain Control Range: -10 to +38 dB High Output IP3: +40 dBm Positive Analog Control: 0V to +5V Configurable with 1 or 2 Attenuators 32 Lead 5x5 mm SMT Package: 25 mm2 The HMC992LP5E is an IF analog controlled variable gain amplifier composed of two identical voltage variable attenuators in combination with an InGaP HBT gain block MMIC amplifier which operates from 0.1 to 0.8 GHz, and can be controlled to provide anywhere from -10 dB attenuation, to 40 dB of gain. The HMC992LP5E delivers noise figure of 6 dB in its maximum gain state, with output IP3 of up to +40 dBm. The HMC992LP5E is housed in a RoHS compliant 5x5 mm QFN leadless package, and requ- ires no external matching components. Parameter Frequency Min. Typ. Max. Units Gain (VCTRL = 0V) 1 Attenuator Operation 0.1 - 0.5 GHz 0.8 GHz 35 40 36 dB dB 2 Attenuator Operation 0.1 - 0.3 GHz 0.5 GHz 0.8 GHz 32 38 36 33 dB Gain Control Range 1 Attenuator Operation 0.1 - 0.5 GHz 0.8 GHz 25 20 dB 2 Attenuator Operation 0.1 - 0.5 GHz 0.8 GHz 48 42 dB Input Return Loss (VCTRL = 0V) 1 Attenuator Operation 0.1 - 0.5 GHz 0.8 GHz 15 12 dB 2 Attenuator Operation 0.1 - 0.8 GHz 12 dB Output Return Loss (VCTRL = 0V) 1 Attenuator Operation 0.1 GHz 0.3 - 0.5 GHz 0.8 GHz 11 12 14 dB 2 Attenuator Operation 0.1 - 0.8 GHz 12 dB Typical Applications Features General Description Parameter Frequency Min. Typ. Max. Units Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 Phone: 781-329-4700 • Order online at www.analog.com Application Support: Phone: 1-800-ANALOG-D |
Podobny numer części - HMC992LP5E |
|
Podobny opis - HMC992LP5E |