Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM7301IM Arkusz danych(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części LM7301IM
Szczegółowy opis  Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7301IM Arkusz danych(HTML) 7 Page - National Semiconductor (TI)

Back Button LM7301IM Datasheet HTML 3Page - National Semiconductor (TI) LM7301IM Datasheet HTML 4Page - National Semiconductor (TI) LM7301IM Datasheet HTML 5Page - National Semiconductor (TI) LM7301IM Datasheet HTML 6Page - National Semiconductor (TI) LM7301IM Datasheet HTML 7Page - National Semiconductor (TI) LM7301IM Datasheet HTML 8Page - National Semiconductor (TI) LM7301IM Datasheet HTML 9Page - National Semiconductor (TI) LM7301IM Datasheet HTML 10Page - National Semiconductor (TI) LM7301IM Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics T
A = 25˚C, RL = 1MΩ unless otherwise specified (Continued)
Applications Information
GENERAL INFORMATION
Low supply current and wide bandwidth, greater than
rail-to-rail input range, full rail-to-rail output, good capacitive
load driving ability, wide supply voltage and low distortion all
make the LM7301 ideal for many diverse applications.
The high common-mode rejection ratio and full rail-to-rail in-
put range provides precision performance when operated in
noninverting applications where the common-mode error is
added directly to the other system errors.
CAPACITIVE LOAD DRIVING
The LM7301 has the ability to drive large capacitive loads.
For example, 1000 pF only reduces the phase margin to
about 25 degrees.
TRANSIENT RESPONSE
The LM7301 offers a very clean, well-behaved transient re-
sponse.
Figures 1, 2, 3, 4, 5, 6 show the response when op-
erated at gains of +1 and −1 when handling both small and
large signals. The large phase margin, typically 70 to 80 de-
grees, assures clean and symmetrical response. In the large
signal scope photos,
Figure 1 and Figure 4, the input signal
is set to 4.8V. Note that the output goes to within 100 mV of
the supplies cleanly and without overshoot. In the small sig-
nal samples, the response is clean, with only slight over-
shoot when used as a follower.
Figure 3 and Figure 6 are the
circuits used to make these photos.
Current Noise
vs Frequency
DS012842-15
Gain and Phase
DS012842-22
Gain and Phase,
2.7V Supply
DS012842-23
DS012842-16
FIGURE 1.
DS012842-17
FIGURE 2.
DS012842-18
FIGURE 3.
DS012842-19
FIGURE 4.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11