Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MB90F962SPMT Arkusz danych(PDF) 39 Page - Cypress Semiconductor

Numer części MB90F962SPMT
Szczegółowy opis  Built-in PLL clock frequency multiplying circuit
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90F962SPMT Arkusz danych(HTML) 39 Page - Cypress Semiconductor

Back Button MB90F962SPMT Datasheet HTML 35Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 36Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 37Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 38Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 39Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 40Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 41Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 42Page - Cypress Semiconductor MB90F962SPMT Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
MB90960 Series
38
DS07-13749-3E
• Bit setting: ESCR:SCES = 1, ECCR:SCDE = 0
(TA
= −40 °C to +125 °C*, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = 0 V)
* : There is limited reliability if the product is used exceeding TA = +105
°C. Contact the sales or support
representative for this case.
Notes :
• CL is load capacity value of pins when testing.
• tCP is the machine clock cycle time (Unit : ns) . Refer to “ (1) Clock Timing”.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK0, SCK1
Internal shift clock
mode output pins are
CL
= 80 pF + 1 TTL.
5 tCP
⎯
ns
SCK
↑ → SOT delay time
tSHOVI
SCK0, SCK1,
SOT0, SOT1
−50
+50
ns
Valid SIN
→ SCK ↓
tIVSLI
SCK0, SCK1,
SIN0, SIN1
tCP + 80
⎯
ns
SCK
↓ → Valid SIN hold time
tSLIXI
SCK0, SCK1,
SIN0, SIN1
0
⎯
ns
Serial clock “H” pulse width
tSHSL
SCK0, SCK1
External shift clock
mode output pins are
CL
= 80 pF + 1 TTL.
3 tCP - tR
⎯
ns
Serial clock “L” pulse width
tSLSH
SCK0, SCK1
tCP + 10
⎯
ns
SCK
↑ → SOT delay time
tSHOVE
SCK0, SCK1,
SOT0, SOT1
⎯
2 tCP + 60
ns
Valid SIN
→ SCK ↓
tIVSLE
SCK0, SCK1,
SIN0, SIN1
30
⎯
ns
SCK
↓ → Valid SIN hold time
tSLIXE
SCK0, SCK1,
SIN0, SIN1
tCP + 30
⎯
ns
SCK fall time
tF
SCK0, SCK1
⎯
10
ns
SCK rise time
tR
SCK0, SCK1
⎯
10
ns
• External Shift Clock Mode
SCK0, SCK1
VIH
VIL
SOT0, SOT1
0.8 V
2.4 V
tSLOVE
SIN0, SIN1
VIL
VIH
VIL
VIH
VIH
VIL
tR
tF
tSHSL
tSLSH
tIVSHE
tSHIXE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com