Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4807-4ARUZ-R7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADA4807-4ARUZ-R7
Szczegółowy opis  3.1 nV/?숰z, 1 mA, 180 MHz, Rail-to-Rail Input/Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4807-4ARUZ-R7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADA4807-4ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4807-4ARUZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
ADA4807-1/ADA4807-2/ADA4807-4
Data Sheet
Rev. B | Page 8 of 33
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DISABLE CHARACTERISTICS1
DISABLE Input Voltage2
Low
Disabled
<1.1
V
High
Enabled
>1.5
V
DISABLE Input Current
Low
Disabled
−325
nA
High
Enabled
−500
nA
DISABLE On Time
DISABLE input midswing point to >90%
of final VOUT, VPD = +VS
500
700
ns
DISABLE Off Time
DISABLE input midswing point to <10%
of enabled quiescent current, VPD = −VS
270
460
ns
OUTPUT CHARACTERISTICS
Saturated Output Voltage Swing
RLOAD = 1 kΩ
High
+VS − 0.04
+VS − 0.02
V
Low
−VS + 0.04
−VS + 0.03
V
Linear Output Current3
Sourcing, G = +1, VIN = +VS, RLOAD = varied
50
mA
Sinking, G = +1, VIN = −VS, RLOAD = varied
60
mA
Short-Circuit Current
Sourcing, G = +1, VIN = +VS, RLOAD = 0 Ω to
10 Ω
65
mA
Sinking, G = +1, VIN = −VS, RLOAD = 0 Ω to
10 Ω
70
mA
Capacitive Load Drive
CLOAD = 15 pF, VOUT = 20 mV p-p
30
% overshoot
POWER SUPPLY
Operating Range
2.7
11
V
Quiescent Current per Amplifier
Enabled, no load, TA = 25°C
915
1000
μA
Disabled, TA = 25°C
1.0
2.0
μA
PSRR
Positive
+VS = 1.5 V to 3.5 V, −VS = −1.5 V
97
113
dB
Negative
+VS = 1.5 V, −VS = −1.5 V to −3.5 V
97
130
dB
1 The disable pin is DISABLE on the ADA4807-1 and DISABLE1 or DISABLE2 for the ADA4807-2 LFCSP package, hereafter referred to as DISABLE for the ADA4807-1/ADA4807-2.
2 See the Disable Circuitry section.
3 See Figure 53 and Figure 56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33