| Zakładka z wyszukiwarką danych komponentów |
|
ADA4610-1ARJZ-R7 Arkusz danych(PDF) 8 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4610-1ARJZ-R7 Arkusz danych(HTML) 8 Page - Analog Devices |
|
8 / 25 page ![]() ADA4610-1/ADA4610-2/ADA4610-4 Data Sheet Rev. G | Page 8 of 25 OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4610-2 TOP VIEW (Not to Scale) Figure 4. ADA4610-2 Pin Configuration, 8-Lead SOIC (R Suffix) OUT A –IN A +IN A V– V+ OUT B –IN B +IN B 1 2 3 4 8 7 6 5 ADA4610-2 TOP VIEW (Not to Scale) Figure 5. ADA4610-2 Pin Configuration, 8-Lead MSOP (RM Suffix) NOTES 1. THE EXPOSED PAD MUST BE CONNECTED TO V–. OUT A –IN A +IN A V– OUT B V+ –IN B +IN B 3 4 1 2 6 5 8 7 ADA4610-2 TOP VIEW (Not to Scale) Figure 6. ADA4610-2 Pin Configuration, 8-Lead LFCSP (CP Suffix) Table 8. ADA4610-2 Pin Function Descriptions, 8-Lead SOIC, 8-Lead MSOP, and 8-Lead LFCSP Pin No. Mnemonic Description 1 OUT A Output Channel A. 2 −IN A Inverting Input Channel A. 3 +IN A Noninverting Input Channel A. 4 V− Negative Supply Voltage. 5 +IN B Noninverting Input Channel B. 6 −IN B Inverting Input Channel B. 7 OUT B Output Channel B. 8 V+ Positive Supply Voltage. EPAD Exposed Pad for the 8-Lead LFCSP (CP Suffix). The exposed pad must be connected to V−. |