Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EVAL-AD5754R Arkusz danych(PDF) 1 Page - Analog Devices

Numer części EVAL-AD5754R
Szczegółowy opis  Full-featured evaluation board for the AD5754R
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD5754R Arkusz danych(HTML) 1 Page - Analog Devices

  EVAL-AD5754R Datasheet HTML 1Page - Analog Devices EVAL-AD5754R Datasheet HTML 2Page - Analog Devices EVAL-AD5754R Datasheet HTML 3Page - Analog Devices EVAL-AD5754R Datasheet HTML 4Page - Analog Devices EVAL-AD5754R Datasheet HTML 5Page - Analog Devices EVAL-AD5754R Datasheet HTML 6Page - Analog Devices EVAL-AD5754R Datasheet HTML 7Page - Analog Devices EVAL-AD5754R Datasheet HTML 8Page - Analog Devices EVAL-AD5754R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board for Quad, 16-Bit, Serial Input,
Unipolar/Bipolar Voltage Output DAC
EVAL-AD5754R
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards are supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
Full-featured evaluation board for the AD5754R
On-board reference
Link options
Direct hook-up to USB port of PC
PC software for control
EVALUATION BOARD DESCRIPTION
The EVAL-AD5754R is a full-featured evaluation board,
designed to allow the user to easily evaluate all features of the
AD5754R quad-channel, 16-bit DAC. All of the AD5754R pins
are accessible at on-board connectors for external connection.
The board can be controlled by two means, via the on-board
connector (J8) or via the USB port of a Windows®-based PC
using the AD5754R evaluation software. The default setup is
for control via the USB port.
DEVICE DESCRIPTION
The AD5754R is a quad-channel, 16-bit serial input, voltage
output digital-to-analog converter that operates from single
supply voltages of +4.5 V up to +16.5 V, or dual supply voltages
of ±4.5 V up to ±16.5 V. Nominal full-scale output range is
software-selectable from the options of +5 V, +10 V, +10.8 V,
±5 V, ±10 V, and ±10.8 V. Provided on the AD5754R are
integrated output amplifiers, reference buffers, and proprietary
power-up/power-down control circuitry.
The AD5754R offers guaranteed monotonicity, integral
nonlinearity (INL) of ±16 LSB maximum, low noise, 10 μs
settling time, and an on-chip +2.5 V, 5ppm/°C reference.
Complete specifications for the AD5754R are available in the
AD5754R data sheet available at www.analog.com, and should
be consulted in conjunction with this data sheet when using the
evaluation board.
FUNCTIONAL BLOCK DIAGRAM
REFIN/REFOUT
2.5V
VOLTAGE
REFERENCE
VOUTA
VOUTB
VOUTC
VOUTD
ADC
POWER SUPPLY INPUTS
AD5754R
QUAD 16-BIT DAC
EXT REF
PIN HEADER (J8)
SELECT
CONTROLLER
CY7C68013
USB
CONNECTOR
I/O
Figure 1.


Podobny numer części - EVAL-AD5754R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
EVAL-AD5754REBZ AD-EVAL-AD5754REBZ Datasheet
1Mb / 33P
Complete, Quad, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar Voltage Output DACs
2/2017-Rev. F to Rev. G
More results

Podobny opis - EVAL-AD5754R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7861 TI1-ADS7861 Datasheet
1Mb / 9P
Full-featured evaluation board
logo
Analog Devices
ADP2443-EVALZ AD-ADP2443-EVALZ Datasheet
357Kb / 9P
Full featured evaluation board
Rev. 0
EVAL-AD7403FMCZ AD-EVAL-AD7403FMCZ Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
EVAL-AD7405FMCZ AD-EVAL-AD7405FMCZ Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
UG-459 AD-UG-459 Datasheet
787Kb / 12P
Full-featured evaluation board
Rev. 0
UG-490 AD-UG-490 Datasheet
2Mb / 28P
Full-featured evaluation board
Rev. 0
UG-515 AD-UG-515 Datasheet
2Mb / 28P
Full-featured evaluation board
Rev. A
UG-532 AD-UG-532 Datasheet
421Kb / 12P
Full-featured evaluation board
Rev. 0
UG-572 AD-UG-572 Datasheet
1Mb / 20P
Full featured evaluation board
Rev. 0
UG-581 AD-UG-581 Datasheet
1Mb / 28P
Full-featured evaluation board
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com