| Zakładka z wyszukiwarką danych komponentów |
|
UT80C196 Arkusz danych(PDF) 41 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT80C196 Arkusz danych(HTML) 41 Page - Aeroflex Circuit Technology |
|
41 / 42 page ![]() 41 UT80C196KD Microcontroller UT80C196KD - * * * Lead Finish: (Note 1, 2) (A) = Solder (C) = Gold (X) = Optional Screening: (Note 3, 4, 5) (C) = Mil Temp (P) = Prototype (W) = Extended Industrial Temp (-40o C to +125o C) Package Type: (W) = 68-lead top brazed Flatpack UTMC Core Part Number Notes: 1. Lead finish (A,C, or X) must be specified. 2. If an “X” is specified when ordering, then the part number will match the lead finish and will be either “A” (solder) or “C” (gold). 3. Military Temperature Range flow per UTMC Manufacturing Flows Document. Devices are tested -55C, room temp, and 125C. 4. Prototype flow per UTMC Manufacturing Flows Document Tested at 25C only. Lead finish is gold only. 5. Extended Industrial Temperature Range Flow per UTMC Manufacturing Flows Document. Devices are tested at -40oC, room temp, and +125oC. Radiation is neither tested nor guaranteed. |