Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WM8955LEFL Arkusz danych(PDF) 4 Page - Wolfson Microelectronics plc

Numer części WM8955LEFL
Szczegółowy opis  STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WOLFSON [Wolfson Microelectronics plc]
Strona internetowa  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8955LEFL Arkusz danych(HTML) 4 Page - Wolfson Microelectronics plc

  WM8955LEFL Datasheet HTML 1Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 2Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 3Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 4Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 5Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 6Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 7Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 8Page - Wolfson Microelectronics plc WM8955LEFL Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
WM8955L
Product Preview
w
Product Preview Rev 0.4 May2003
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device maybe caused bycontinuously
operating at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given
under Electrical Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore genericallysusceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
CONDITION
MIN
MAX
Supplyvoltages
-0.3V
+3.63V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Operating temperature range, TA
-25
°C+85°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Package bodytemperature (soldering 10 seconds)
+260
°C
Package bodytemperature (soldering 2 minutes)
+183
°C
Notes
1.
Analogue and digital grounds must always be within 0.3V of each other.
2.
All digital and analogue supplies are completelyindependent from each other.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supplyrange (Core)
DCVDD
1.42
2.0
3.6
V
Digital supplyrange (Buffer)
DBVDD
1.8
2.0
3.6
V
Analogue supplies range
AVDD, HPVDD
1.8
2.0
3.6
V
Ground
DGND, AGND, HPGND
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43