Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

XC2650P-03S Arkusz danych(PDF) 9 Page - Anaren Microwave

Numer części XC2650P-03S
Szczegółowy opis  High Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC2650P-03S Arkusz danych(HTML) 9 Page - Anaren Microwave

Back Button XC2650P-03S Datasheet HTML 5Page - Anaren Microwave XC2650P-03S Datasheet HTML 6Page - Anaren Microwave XC2650P-03S Datasheet HTML 7Page - Anaren Microwave XC2650P-03S Datasheet HTML 8Page - Anaren Microwave XC2650P-03S Datasheet HTML 9Page - Anaren Microwave XC2650P-03S Datasheet HTML 10Page - Anaren Microwave XC2650P-03S Datasheet HTML 11Page - Anaren Microwave XC2650P-03S Datasheet HTML 12Page - Anaren Microwave XC2650P-03S Datasheet HTML 13Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model XC2650P-03S
Rev A
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
Notice that the test board for the 3dB couplers has all four traces interfacing with the coupler at the same angle. The
entry angle of the traces has a significant impact on the RF performance and these parts have been
optimized for the layout used on the test boards shown below.
Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25
°C
400 – 500 MHz
~0.03dB
800 – 1000 MHz
~ 0.06dB
1700 – 2300 MHz
~0.15dB
2300 – 2700 MHz
~0.16dB
3300 – 3800 MHz
~0.19dB
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com