| Zakładka z wyszukiwarką danych komponentów |
|
DC95F232Z Arkusz danych(PDF) 2 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
DC95F232Z Arkusz danych(HTML) 2 Page - Amphenol Corporation |
|
2 / 4 page ![]() 2 TypeDC95Specifications NTC Interchangeable Thermistor Chip Epoxy-coated, NTC interchangeable thermistor chips with bare tinned copper lead wires. Options Consult Factory for Availability of Options • Other resistance values in the range of 1000 Ω to 100 k Ω • Other tolerances or ranges • Alternative lead wires or lengths • Non standard R vs T curves • Controlled dimensions • Special sensor assemblies or enclosures Thermal and Electrical Properties Dissipation Constant Still air: 1 mW/°C Stirred oil: 8 mW/°C Thermal Time Constant Still air: 10 seconds Stirred oil: 1 second Maximum Power at 77°F (25°C) 75 mW De-rated from 100% at 77°F (25°C) to 0% at 212°F (100°C) NTC Interchangeable Type DC95 dimensions Ordering Information Select appropriate part number below for resistance and temperature tolerance desired. R25°C Material System 32°F to 158°F (0°C to 70°C) ±0.18°F (±0.1°C) 32°F to 158°F (0°C to 70°C) ±0.36°F (±0.2°C) 32°F to 212°F (0 to 100°C) ±0.36°F (±0.2°C) 2000 F DC95F202V DC95F202W DC95F202Z 2252 F DC95F232V DC95F232W DC95F232Z 3000 F DC95F302V DC95F302W DC95F302Z 5000 F DC95F502V DC95F502W DC95F502Z 10000 F DC95F103V DC95F103W DC95F103Z 10000 Y DC95Y103V DC95Y103W DC95Y103Z 30000 H DC95H303V DC95H303W DC95H303Z 50000 G DC95G503V DC95G503W DC95G503Z 100000 Y DC95Y104V DC95Y104W DC95Y104Z 100000 G DC95G104V DC95G104W DC95G104Z Notes: 1. For RoHS compliant product, please add thesuffix“N”tothepartlabel.Example: DC95F103VN 2. For RoHS compliant product with applications below0°C,pleaseaddthesuffix“H”tothepart label. Example: DC95F103VH Tinned copper leads 0.012 in (0.3 mm) 1.5 in (38.1 mm) nom Epoxy-coated thermistor chip Ø 0.095 in (2.4 mm) max |