Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM2048 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części UM2048
Szczegółowy opis  DSI to HDMI adapter board for STM32 Development Tools
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2048 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button UM2048 Datasheet HTML 4Page - STMicroelectronics UM2048 Datasheet HTML 5Page - STMicroelectronics UM2048 Datasheet HTML 6Page - STMicroelectronics UM2048 Datasheet HTML 7Page - STMicroelectronics UM2048 Datasheet HTML 8Page - STMicroelectronics UM2048 Datasheet HTML 9Page - STMicroelectronics UM2048 Datasheet HTML 10Page - STMicroelectronics UM2048 Datasheet HTML 11Page - STMicroelectronics UM2048 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DocID029197 Rev 1
9/12
UM2048
CEC
11
4
CEC
There are two sources of CEC signal on HDMI output connector on DSI to HDMI adapter
board. One source (Default setting) is from ADV7533 and its clock is from X1 on the board.
The other source is from CN1 and mother board. Some PCB reworks should be done when
using the second source shown in Table 3.
Table 3. CEC source connection
CEC source
Mount
Remove
ADV7533 (Default)
SB10
SB5
CN1 (Mother board)
SB5
SB10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12