Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

WB45NBT Arkusz danych(PDF) 7 Page - Laird Tech Smart Technology

Numer części WB45NBT
Szczegółowy opis  Removed pending status of WFA and CCX
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LSTD [Laird Tech Smart Technology]
Strona internetowa  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

WB45NBT Arkusz danych(HTML) 7 Page - Laird Tech Smart Technology

Back Button WB45NBT Datasheet HTML 3Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 4Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 5Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 6Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 7Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 8Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 9Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 10Page - Laird Tech Smart Technology WB45NBT Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
WB45NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
7
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Feature
Description
Sleep
N/A
11
31
Note:
Average current was measured with a Fluke 87V DMM.
Standby current was measured with a Yokogawa DL9140
oscilloscope and 700937 current probe; the unit was
connected to an AP. Tx current reflects constant transmit test
mode. During testing, the WB45NBT was set to USB device
mode.
Operating Temperature
-20° to +70°C (-4°F to 158°F)
Operating Humidity
10 to 90% (non-condensing)
Storage Temperature
-30° to 85°C (-22° to 185°F)
Storage Humidity
10 to 90% (non-condensing)
Maximum Electrostatic
Discharge
Maximum Contact Discharge (CD): 4 kV
Maximum Air Discharge (AD): 8 kV
Length/Width/Thickness
40 mm (1.57 in.) x 40 mm (1.57 in.) x 3.8 mm (0.15 in.)
Note: Length, width, and thickness measurements include the metal shielding.
Weight
6.8 g (0.24 oz.)
Mounting
Connector and through holes.
Refer to Mechanical Specifications for additional information.
Recommended:
Connector:
Mating part: Molex 55560 Series 80 Pin Connector P/N 55560-0807
Stand-off: EMI STOP F40M20-151126D4BM http://www.emistop.com
Wi-Fi Media
Direct Sequence-Spread Spectrum (DSSS)
Complementary Code Keying (CCK)
Orthogonal Frequency Divisional Multiplexing (OFDM)
Wi-Fi Media Access
Protocol
Carrier sense multiple access with collision avoidance (CSMA/CA)
Network Architecture
Infrastructure and ad hoc
Wi-Fi Standards
IEEE 802.11a, 802.11b, 802.11d, 802.11e, 802.11g, 802.11h, 802.11i, 802.11n
Wi-Fi Data Rates
Supported
802.11a (OFDM): 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11b (DSSS, CCK): 1, 2, 5.5, 11 Mbps
802.11g (OFDM): 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11n (OFDM, HT20, MCS 0-7): 6.5,13,19.5, 26, 39,52, 58.5, 72.2 Mbps
7.2,14.4, 21.7, 28.9,43.3, 57.8, 65 Mbps
Modulation
BPSK @ 1, 6, 6.5, 7.2 and 9 Mbps
QPSK @ 2, 12, 13, 14.4,18, 19.5 and 21.7 Mbps
CCK @ 5.5 and 11 Mbps
16-QAM @ 24, 26, 28.9, 36, 39 and 43.3 Mbps
64-QAM @ 48, 52, 54, 57.8, 58.5, 65, and 72.2 Mbps
802.11n Spatial Streams
1X1 SISO (Single Input, Single Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com