Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CYW20735 Arkusz danych(PDF) 1 Page - Cypress Semiconductor

Numer części CYW20735
Szczegółowy opis  Single-Chip Bluetooth Transceiver for Wireless Input Devices
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20735 Arkusz danych(HTML) 1 Page - Cypress Semiconductor

  CYW20735 Datasheet HTML 1Page - Cypress Semiconductor CYW20735 Datasheet HTML 2Page - Cypress Semiconductor CYW20735 Datasheet HTML 3Page - Cypress Semiconductor CYW20735 Datasheet HTML 4Page - Cypress Semiconductor CYW20735 Datasheet HTML 5Page - Cypress Semiconductor CYW20735 Datasheet HTML 6Page - Cypress Semiconductor CYW20735 Datasheet HTML 7Page - Cypress Semiconductor CYW20735 Datasheet HTML 8Page - Cypress Semiconductor CYW20735 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
CYW20735
Single-Chip Bluetooth Transceiver for
Wireless Input Devices
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-14881 Rev. *F
Revised Thursday, September 29, 2016
The Cypress CYW20735 is a Bluetooth 4.2-compliant, stand-alone baseband processor with an integrated 2.4 GHz transceiver.
Manufactured using the industry's advanced 40 nm CMOS low-power process, the CYW20735 employs high levels of integration to
minimize external components, reducing the device footprint and the costs associated with implementing Bluetooth solutions.
The CYW20735 is the optimal solution for applications in wireless input devices including game controllers, remote controls,
keyboards, and joysticks.
Built-in firmware adheres to the Bluetooth Low Energy (BLE) profile and the BLE Human Interface Device (HID) profile.
Cypress Part Numbering Scheme
Cypress is converting the acquired IoT part numbers from Cypress to the Cypress part numbering scheme. Due to this conversion,
there is no change in form, fit, or function as a result of offering the device with Cypress part number marking. The table provides
Cypress ordering part number that matches an existing IoT part number.
Applications
Game controllers
Wireless pointing devices (mice)
Remote controls
Wireless keyboards
Joysticks
Home automation
Point-of-sale input devices
3D glasses
Blood pressure monitors
Find-me devices
Heart-rate monitors
Proximity sensors
Thermometers
Features
Complies with Bluetooth Core Specification version 4.2
including Basic Rate (BR) BR/BLE
Supports Cypress proprietary data rate up to 2 Mbps
BLE HID profile version 1.00 compliant
Bluetooth Device ID profile version 1.3 compliant
Supports Generic Access Profile (GAP)
Supports Adaptive Frequency Hopping (AFH)
Excellent receiver sensitivity
Programmable output power control
Integrated ARM Cortex-M4 microprocessor core floating point
unit (FPU)
On-chip power-on reset (POR)
Support for serial flash devices
Integrated buck and low dropout (LDO) regulators
On-chip software controlled power management unit
Programmable key scan matrix interface, up to 8 × 20 key-
scanning matrix
Three-axis quadrature signal decoder
Infrared modulator
IR learning
Auxiliary ADC with up to 28 analog channels
On-chip support for serial peripheral interface (SPI) (master
and slave modes)
Cypress Serial Communications (BSC) interface (compatible
with NXP I2C slaves)
LE packet extension
Timed wakeup
Wireless charging interface
Package types:
60-pin quad flat no-lead (QFN)
111-pin fine pitch ball grid array (FBGA)
RoHS compliant
Table 1. Mapping Table for Part Number between Broadcom and Cypress
Broadcom Part Number
Cypress Part Number
BCM20735
CYW20735
BCM20735PKML1G
CYW20735PKML1G
BCM20735KFBG
CYW20735KFBG


Podobny numer części - CYW20735

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
979Kb / 50P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
979Kb / 50P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Podobny opis - CYW20735

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20734 CYPRESS-CYW20734 Datasheet
4Mb / 51P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
Bluetooth SoC for Embedded Wireless Devices
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com