Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSTFME Arkusz danych(PDF) 9 Page - Pulse A Technitrol Company

Numer części MSTFME
Szczegółowy opis  Outside coupler and factory tuned whip only for KG UHF glass mount antennas
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PULSE [Pulse A Technitrol Company]
Strona internetowa  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

MSTFME Arkusz danych(HTML) 9 Page - Pulse A Technitrol Company

Back Button MSTFME Datasheet HTML 3Page - Pulse A Technitrol Company MSTFME Datasheet HTML 4Page - Pulse A Technitrol Company MSTFME Datasheet HTML 5Page - Pulse A Technitrol Company MSTFME Datasheet HTML 6Page - Pulse A Technitrol Company MSTFME Datasheet HTML 7Page - Pulse A Technitrol Company MSTFME Datasheet HTML 8Page - Pulse A Technitrol Company MSTFME Datasheet HTML 9Page - Pulse A Technitrol Company MSTFME Datasheet HTML 10Page - Pulse A Technitrol Company MSTFME Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.larsen-antennas.com
NOTE: Antennas are not to scale
70
UHF 406-512 MHz
To convert to Gain (dBd):
Gain (dBi) - 2.14
MODEL
FREQUENCY (MHz)
NMOWB406BCO
406 - 512
SPECIFICATIONS
TYPE
Wide Band coil only
POWER RATING
200 Watts
COLOR
Black
WHIP
Order separately
COAX
Order separately
MAX HEIGHT
2 1/2’
Black NMO UHF wide band coil.
MODEL
FREQUENCY (MHz)
REP. WHIP
NMOWB406C
406 - 430
WNMOWB406
NMOWB430C
430 - 455
WNMOWB430
NMOWB450C
450 - 475
WNMOWB450
NMOWB470C
470 - 495
WNMOWB470
NMOWB490C
490 - 515
WNMOWB490
SPECIFICATIONS
GAIN
5.5 dBi
TYPE
Wide Band
VSWR (see bandwidth)
1.5:1
BANDWIDTH @ 1.5
6%
BANDWIDTH @ 2.0
11%
POWER RATING
200 Watts
COLOR
Black/Stainless
COAX
Order separately
MAX HEIGHT
35 1/2”
Factory tuned UHF wide band gain
antenna, 406 - 515 MHz. Black coil,
Stainless whip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com