Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX1479 Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX1479
Szczegółowy opis  300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1479 Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX1479 Datasheet HTML 1Page - Maxim Integrated Products MAX1479 Datasheet HTML 2Page - Maxim Integrated Products MAX1479 Datasheet HTML 3Page - Maxim Integrated Products MAX1479 Datasheet HTML 4Page - Maxim Integrated Products MAX1479 Datasheet HTML 5Page - Maxim Integrated Products MAX1479 Datasheet HTML 6Page - Maxim Integrated Products MAX1479 Datasheet HTML 7Page - Maxim Integrated Products MAX1479 Datasheet HTML 8Page - Maxim Integrated Products MAX1479 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX1479 crystal-referenced phase-locked-loop
(PLL) VHF/UHF transmitter is designed to transmit ASK,
OOK, and FSK data in the 300MHz to 450MHz frequency
range. The MAX1479 supports data rates up to 100kbps
in ASK mode and 20kbps in FSK mode (both
Manchester coded). The device provides an adjustable
output power of more than +10dBm into a 50
Ω load. The
crystal-based architecture of the MAX1479 eliminates
many of the common problems of SAW-based transmit-
ters by providing greater modulation depth, faster fre-
quency settling, higher tolerance of the transmit
frequency, and reduced temperature dependence.
These improvements enable better overall receiver per-
formance when using the MAX1479 together with a
superheterodyne receiver such as the MAX1470,
MAX1471, MAX1473, or MAX7033.
The MAX1479 is available in a 16-pin thin QFN pack-
age (3mm x 3mm) and is specified for the automotive
temperature range from -40°C to +125°C.
Applications
Remote Keyless Entry
Tire Pressure Monitoring
Security Systems
Radio-Controlled Toys
Wireless Game Consoles
Wireless Computer Peripherals
Wireless Sensors
RF Remote Controls
Garage Door Openers
Features
♦ ETSI-Compliant EN300 220
♦ +2.1V to +3.6V Single-Supply Operation
♦ Supports ASK, OOK, and FSK Modulations
♦ Adjustable FSK Shift
♦ +10dBm Output Power into 50Ω Load
♦ Low Supply Current (6.7mA in ASK Mode,
and 10.5mA in FSK Mode)
♦ Uses Small Low-Cost Crystal
♦ Small 16-Pin Thin QFN Package
♦ Fast-On Oscillator—200µs Startup Time
♦ Programmable Clock Output
300MHz to 450MHz Low-Power,
Crystal-Based +10dBm ASK/FSK Transmitter
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
9
10
11
12
CLK0
CLK1
DEV0
DEV1
TOP VIEW
4
3
2
1
ENABLE
EP
DIN
MODE
VDD
56
7
8
MAX1479
THIN QFN
(3mm x 3mm)
Pin Configuration
Ordering Information
MAX1479
ENABLE
DIN
MODE
VDD
CLK0
CLK1
DEV0
DEV1
CRYSTAL
DRIVER
4
3
2
1
5
6
7
8
9
10
11
12
13
14
15
16
CLOCK
DIVIDER
DIVIDE
BY 32
LOOP
FILTER
ASK
FSK
PA
ENVELOPE
SHAPING
DEVIATION
PD/CP
VCO
Functional Diagram
19-3353; Rev 0; 8/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed paddle.
PART
TEMP RANGE
PIN-PACKAGE
MAX1479ATE
-40°C to +125°C
16 Thin QFN-EP*
Typical Application Circuit appears at end of data sheet.


Podobny numer części - MAX1479

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
120Kb / 6P
Evaluation Kit
Rev 0; 5/05
MAX1479 MAXIM-MAX1479 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
126Kb / 6P
Proven Components Parts List
Rev 0; 5/05
MAX1479ATE+ MAXIM-MAX1479ATE+ Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1479EVKIT MAXIM-MAX1479EVKIT Datasheet
126Kb / 6P
Proven Components Parts List
Rev 0; 5/05
More results

Podobny opis - MAX1479

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com