| Zakładka z wyszukiwarką danych komponentów |
|
466294-2 Arkusz danych(PDF) 8 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
466294-2 Arkusz danych(HTML) 8 Page - TE Connectivity Ltd |
|
8 / 11 page ![]() 114-1008 Rev K1 8 of 11 22 1.52-2.79 [.060-.110] .093 A 13.97 [.550] 1.09 [.043] 1.78 [.070] 3.05 [.120] 20 1.17 [.046] 18 1.29 [.051] 22 1.52-2.79 [.060-.110] .058 B 7.62 [.300] 1.02 [.040] 1.78 [.070] 2.29 [.090] 20 1.09 [.043] 18 1.22 [.048] 17 1.32 [.052] 22 1.02-2.79 [.040-.110] .093 B 10.03 [.395] 1.09 [.043] 1.78 [.070] 3.05 [.120] 20 1.17 [.046] 18 1.30 [.051] 26 0.89-1.65 [.035-.065] .058 C 08.38 [.330] 0.71 [.028] 1.40 [.055] 1.78 [.070] 24 0.74 [.029] 22 0.84 [.033] 24 1.14-1.78 [.045-.070] .058 C 08.38 [.330] 0.86 [.034] 1.40 [.055] 2.03 [.080] 22 0.94 [.037] 20 1.04 [.041] 24 1.02-2.54 [.040-.100] .058 C 08.51 [.335] 0.86 [.034] 1.40 [.055] 2.79 [.110] 22 0.94 [.037] 20 1.04 [.041] Tinsel 0.76-1.02 [.030-.040] .058 D 09.65 [.380] 0.96 [.038] 1.40 [.055] 2.79 [.110] Figure 8 (End) Wire Barrel Seam The seam between the two sides of the wire barrel must be closed adequately to confine all strands of the wire. There must be no evidence of loose wire strands or wire strands embedded in the seam. See Figure 8. Mating End There must be no damage to the mating end of the receptacle contact. Bend Allowance The receptacle contact, including the cutoff tab and burr, must not be bent above or below the datum line more than the amount given in Figure 9. Side-to-side bending of the receptacle contact must not exceed the limits given in Figure 9. There must be no twist or roll in the crimped portion of the receptacle contact that will impair usage. 4. QUALIFICATION .058 and .093 diameter pc board pins and disconnect receptacle contacts does not require agency approval. 5. TOOLING Tooling part numbers and instructional material packaged with the tooling are given in Figure 10. Refer to Paragraph 2.5 for links to instructional material. 5.1. Hand Crimping Tools Hand tools for crimping loose-piece receptacle contacts are available. |