| Zakładka z wyszukiwarką danych komponentów |
|
STK17TA8-R45 Arkusz danych(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
STK17TA8-R45 Arkusz danych(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 22 page ![]() STK17TA8 February 2004 15 Document Control # ML0023 rev 0.3 counter load register. Counting begins on power up and restarts from the loadable value any time the Watchdog Strobe (WDS) bit is set to 1. The counter is compared to the terminal value of 0. If the counter reaches this value, it causes an internal flag and an optional interrupt output. The user can prevent the timeout interrupt by setting WDS bit to 1 prior to the counter reaching 0. This causes the counter to be reloaded with the watchdog timeout value and to be restarted. As long as the user sets the WDS bit prior to the counter reaching the terminal value, the inter- rupt and flag never occurs. New timeout values can be written by setting the watchdog write bit to 0. When the WDW is 0 (from the previous operation), new writes to the watchdog timeout value bits D5-D0 allow the timeout value to be modified. When WDW is a 1, then writes to bits D5-D0 will be ignored. The WDW function allows a user to set the WDS bit without concern that the watchdog timer value will be modified. A logical dia- gram of the watchdog timer is shown below. Note that setting the watchdog timeout value to 0 would be otherwise meaningless and therefore disables the watchdog function. The output of the watchdog timer is a flag bit WDF that is set if the watchdog is allowed to timeout. The flag is set upon a watchdog timeout and cleared when the Flags/Control register is read by the user. The user can also enable an optional interrupt source to drive the INT pin if the watchdog timeout occurs. POWER MONITOR The STK17TA8 provides a power management scheme with power-fail interrupt capability. It also controls the internal switch to backup power for the clock and protects the memory from low-Vcc access. The power monitor is based on an internal band-gap reference circuit that compares the Vcc voltage to various thresholds. As descibed in the AutoStore™ section previously, when Vswitch is reached as Vcc decays from power loss, a data store operation is initiated from SRAM to the nonvolatile elements, securing the last SRAM data state. Power is also switched from Vccx to the backup supply (battery or capacitor) to operate the RTC oscillator. When operating from the backup source no data may be read or written and the clock functions are not available to the user. The clock continues to operate in the background. Updated clock data is available to the user 10 msec after Vcc has been restored to the device. INTERRUPTS The STK17TA8 provides three potential interrupt sources. They include the watchdog timer, the power monitor, and the clock/calendar alarm. Each can be individually enabled and assigned to drive the INT pin. In addition, each has an associated flag bit that the host processor can use to determine the cause of the interrupt. Some of the sources have additional control bits that determine functional behavior. In addition, the pin driver has three bits that specify its behavior when an interrupt occurs. A functional diagram of the interrupt logic is shown below. The three interrupts each have a source and an enable. Both the source and the enable must be active (true high) in order to generate an interrupt Figure 5. Watchdog Timer Block Diagram Figure 6. Interrupt Block Diagram |