| Zakładka z wyszukiwarką danych komponentów |
|
TMP93CS20F Arkusz danych(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS20F Arkusz danych(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 48 page ![]() Quality and Reliability Assurance / Handling Precautions 030901 QUA-5 2002-02-20 2 Handling Precautions for Microcontrollers 2.1 Mounting Precautions Plastics have basically porous feature. When a chip (especially an SMD which has a thin plastic surface) is heated in a state of moisturized and is soldered by the reflow soldering method, moisture is vaporized as the temperature rises to cause a package expanded. Or a borderd surface between a lead frame and a plastic material is peeled off to cause a crack. These bring serious troubles on reliability. In order to prevent hygroscopity or enable high heat treatment after absorbing moisture, Toshiba uses a dampproof packing and/or a heat proof tray. (1) Recommended Methods of Soldering for Flat Packages • Table 2.1 lists the recommended method of soldering flat packages. If you have any question or request, please refer to “IC PACKAGE MANUAL” or contact your local offices. • For overall heating method, recommended mounting methods and conditions after opening the pack differ depending on products to be used. See Table 2.2 and 2.3 for the details. • For locally heating a lead part, soldering iron method is recommended. For other localized heating methods, refer to “IC PACKAGE MANUAL” or contact your Toshiba local offices. |