Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EL8200 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części EL8200
Szczegółowy opis  200MHz Rail-to-Rail Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8200 Arkusz danych(HTML) 1 Page - Intersil Corporation

  EL8200 Datasheet HTML 1Page - Intersil Corporation EL8200 Datasheet HTML 2Page - Intersil Corporation EL8200 Datasheet HTML 3Page - Intersil Corporation EL8200 Datasheet HTML 4Page - Intersil Corporation EL8200 Datasheet HTML 5Page - Intersil Corporation EL8200 Datasheet HTML 6Page - Intersil Corporation EL8200 Datasheet HTML 7Page - Intersil Corporation EL8200 Datasheet HTML 8Page - Intersil Corporation EL8200 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7105.2
EL8200, EL8201, EL8401
200MHz Rail-to-Rail Amplifiers
The EL8200, EL8201, and EL8401 represent rail-to-rail
amplifiers with a -3dB bandwidth of 200MHz and slew rate of
200V/µs. Running off a very low supply current of 2mA per
channel, the EL8200, EL8201, and EL8401 also feature
inputs that go to 0.15V below the VS- rail. The EL8200 and
EL8201 are dual channel amplifiers. The EL8401 is a quad
channel amplifier.
The EL8200 includes a fast-acting disable/power-down
circuit. With a 25ns disable and a 200ns enable, the EL8200
is ideal for multiplexing applications.
The EL8200, EL8201, and EL8401 are designed for a
number of general purpose video, communication,
instrumentation, and industrial applications. The EL8200 is
available in a 10-pin MSOP package, the EL8201 in an 8-pin
SO package, and the EL8401 in a 14-pin SO and 16-pin
QSOP packages. All are specified for operation over the
-40°C to +85°C temperature range.
Features
• 200MHz -3dB bandwidth
• 200V/µs slew rate
• Low supply current = 2mA per channel
• Supplies from 3V to 5.5V
• Rail-to-rail output
• Input to 0.15V below VS-
• Fast 25ns disable (EL8200 only)
•Low cost
• Pb-free available
Applications
• Video amplifiers
• Portable/hand-held products
• Communications devices
Pinouts
EL8201
(8-PIN SO)
TOP VIEW
EL8200
(10-PIN MSOP)
TOP VIEW
EL8401
(14-PIN SO)
TOP VIEW
EL8401
(16-PIN QSOP)
TOP VIEW
-
+
-
+
OUTA
INA-
INA+
VS-
VS+
OUTB
INB-
INB+
1
2
3
4
8
7
6
5
-
+
-
+
INA+
CEA
VS-
CEB
INA-
OUTA
VS+
OUTB
INB+
INB-
1
2
3
4
10
9
8
7
5
6
1
2
3
4
14
13
12
11
5
6
7
10
9
8
OUTA
INA-
INA+
VS+
INB+
INB-
OUTB
OUTD
IND-
IND+
VS-
INC+
INC-
OUTC
-+
-
+
-+
-
+
AD
BC
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
OUTA
INA-
INA+
VS+
INB+
INB-
OUTB
OUTD
IND-
IND+
VS-
INC+
INC-
OUTC
NC
NC
-+
-
+
-+
-
+
Data Sheet
September 1, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - EL8200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
395Kb / 15P
200MHz Rail-to-Rail Amplifiers
August 29, 2007
logo
Renesas Technology Corp
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8200IY INTERSIL-EL8200IY Datasheet
726Kb / 15P
200MHz Rail-to-Rail Amplifiers
EL8200IY INTERSIL-EL8200IY Datasheet
395Kb / 15P
200MHz Rail-to-Rail Amplifiers
August 29, 2007
EL8200IY-T13 INTERSIL-EL8200IY-T13 Datasheet
726Kb / 15P
200MHz Rail-to-Rail Amplifiers
More results

Podobny opis - EL8200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Intersil Corporation
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
200MHz Rail-to-Rail Amplifier
May 20, 2005
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
200MHz Rail-to-Rail Amplifiers
August 10, 2007
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
200MHz Rail-to-Rail Amplifiers
August 29, 2007
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
200MHz Rail-to-Rail Amplifiers
September 14, 2010
EL8100ISZ INTERSIL-EL8100ISZ Datasheet
561Kb / 14P
200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
200MHz Rail-to-Rail Amplifiers
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
200MHz Rail-to-Rail Amplifiers
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
200MHz Rail-to-Rail Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com