Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-GB50LP120N Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części VS-GB50LP120N
Szczegółowy opis  Molding Type Module IGBT, Chopper in 1 Package, 1200 V and 50 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GB50LP120N Arkusz danych(HTML) 6 Page - Vishay Siliconix

  VS-GB50LP120N Datasheet HTML 1Page - Vishay Siliconix VS-GB50LP120N Datasheet HTML 2Page - Vishay Siliconix VS-GB50LP120N Datasheet HTML 3Page - Vishay Siliconix VS-GB50LP120N Datasheet HTML 4Page - Vishay Siliconix VS-GB50LP120N Datasheet HTML 5Page - Vishay Siliconix VS-GB50LP120N Datasheet HTML 6Page - Vishay Siliconix VS-GB50LP120N Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 06-Aug-12
1
Document Number: 95524
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INT-A-PAK
DIMENSIONS in millimeters (inches)



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com