Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-GB75TP120U Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części VS-GB75TP120U
Szczegółowy opis  Molding Type Module IGBT, 2 in 1 Package, 1200 V, 75 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GB75TP120U Arkusz danych(HTML) 1 Page - Vishay Siliconix

  VS-GB75TP120U Datasheet HTML 1Page - Vishay Siliconix VS-GB75TP120U Datasheet HTML 2Page - Vishay Siliconix VS-GB75TP120U Datasheet HTML 3Page - Vishay Siliconix VS-GB75TP120U Datasheet HTML 4Page - Vishay Siliconix VS-GB75TP120U Datasheet HTML 5Page - Vishay Siliconix VS-GB75TP120U Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-GB75TP120U
www.vishay.com
Vishay Semiconductors
Revision: 10-Jun-15
1
Document Number: 94822
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molding Type Module IGBT,
2 in 1 Package, 1200 V, 75 A
FEATURES
• High short circuit capability, self limiting to 6 x IC
• 10 μs short circuit capability
•VCE(on) with positive temperature coefficient
• Rugged with ultrafast performance
• Square RBSOA
• Low inductance case
• Fast and soft reverse recovery antiparallel FWD
• Isolated copper baseplate using DCB (Direct Copper
Bonding) technology
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
• Switching mode power supplies
• Inductive heating
•UPS
• Electronic welders
DESCRIPTION
Vishay’s IGBT power module provides ultra low conduction
loss as well as short circuit ruggedness. It is designed for
applications such as general inverters and UPS.
Note
(1) Repetitive rating: pulse width limited by maximum junction temperature.
PRODUCT SUMMARY
VCES
1200 V
IC at TC = 80 °C
75 A
VCE(on) (typical)
at IC = 75 A, 25 °C
3.2 V
Speed
8 kHz to 30 kHz
Package
INT-A-PAK
Circuit
Half bridge
INT-A-PAK
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Collector to emitter voltage
VCES
1200
V
Gate to emitter voltage
VGES
± 20
Collector current
IC
TC = 25 °C
105
A
TC = 80 °C
75
Pulsed collector current
ICM (1)
tp = 1 ms
150
Diode continuous forward current
IF
75
Diode maximum forward current
IFM
150
Maximum power dissipation
PD
TJ = 150 °C
500
W
Short circuit withstand time
tSC
TJ = 125 °C
10
μs
RMS isolation voltage
VISOL
f = 50 Hz, t = 1 min
2500
V
I2t-value, diode
I2tVR = 0 V, t = 10 ms, TJ = 125 °C
1170
A2s


Podobny numer części - VS-GB75TP120U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-GB75TP120N VISHAY-VS-GB75TP120N Datasheet
127Kb / 7P
High short circuit capability, self limiting to 6 x I
10-Jun-15
More results

Podobny opis - VS-GB75TP120U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-GB50TP120N VISHAY-VS-GB50TP120N Datasheet
97Kb / 6P
Molding Type Module IGBT, 2 in 1 Package, 1200 V, 50 A
10-Jun-15
VS-GB75LP120N VISHAY-VS-GB75LP120N Datasheet
124Kb / 7P
Molding Type Module IGBT, Chopper in 1 Package, 1200 V, 75 A
10-Jun-15
VS-GB100TH120U VISHAY-VS-GB100TH120U Datasheet
167Kb / 8P
Molding Type Module IGBT, 2 in 1 Package, 1200 V and 100 A
10-Jun-15
VS-GB100TP120N VISHAY-VS-GB100TP120N Datasheet
97Kb / 6P
Molding Type Module IGBT, 2 in 1 Package, 1200 V, 100 A
10-Jun-15
VS-GB150TH120N VISHAY-VS-GB150TH120N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V and 150 A
10-Jun-15
VS-GB150TH120U VISHAY-VS-GB150TH120U Datasheet
126Kb / 7P
Molding Type Module IGBT, 2 in 1 Package, 1200 V and 150 A
10-Jun-15
VS-GB200TH120N VISHAY-VS-GB200TH120N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V and 200 A
12-Jun-15
VS-GT50TP120N VISHAY-VS-GT50TP120N Datasheet
97Kb / 6P
Molding Type Module IGBT, 2 in 1 Package, 1200 V, 50 A
11-Jun-15
VS-GT75NP120N VISHAY-VS-GT75NP120N Datasheet
94Kb / 6P
Molding Type Module IGBT, Chopper in 1 Package, 1200 V, 75 A
11-Jun-15
VS-GT400TH120U VISHAY-VS-GT400TH120U Datasheet
297Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V, 400 A
12-Jun-15
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com