Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MMQA22VT3 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MMQA22VT3
Szczegółowy opis  SC-74 Quad Monolithic Common Anode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA22VT3 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MMQA22VT3 Datasheet HTML 1Page - ON Semiconductor MMQA22VT3 Datasheet HTML 2Page - ON Semiconductor MMQA22VT3 Datasheet HTML 3Page - ON Semiconductor MMQA22VT3 Datasheet HTML 4Page - ON Semiconductor MMQA22VT3 Datasheet HTML 5Page - ON Semiconductor MMQA22VT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMQA Quad Common Anode Series
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. Steady State Power Derating Curve
Figure 4. Pulse Derating Curve
Figure 5. 10
× 1000 ms Pulse Waveform
0
25
50
75
100
125
150
175
300
250
200
150
100
50
0
TA, AMBIENT TEMPERATURE (°C)
FR-5 BOARD
ALUMINA SUBSTRATE
100
90
80
70
60
50
40
30
20
10
00
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE (°C)
100
50
0
01
2
3
4
t, TIME (ms)
tr
tP
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAYS TO 50%
OF IRSM.
tr ≤ 10 ms
HALF VALUE−
IRSM
2
PEAK VALUE−IRSM
Figure 6. 8
× 20 ms Pulse Waveform
Figure 7. Maximum Non−Repetitive Surge
Power, Ppk versus PW
Figure 8. Typical Maximum Non−Repetitive
Surge Power, Ppk versus VBR
0.1
1.0
10
100
1000
1.0
10
100
Power is defined as VRSM x IZ(pk) where VRSM
is the clamping voltage at IZ(pk).
PW, PULSE WIDTH (ms)
UNIDIRECTIONAL
RECTANGULAR
WAVEFORM, TA = 25°C
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (ms)
200
180
160
140
120
100
80
60
40
20
0
5.6
6.8
12
20
33
NOMINAL VZ
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8 ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
27
8 × 20 WAVEFORM AS PER FIGURE 6
10 × 100 WAVEFORM AS PER FIGURE 5



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com