Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VS-GT400TH120N Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części VS-GT400TH120N
Szczegółowy opis  Molding Type Module IGBT, 2-in-1 Package, 1200 V and 400 A
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-GT400TH120N Arkusz danych(HTML) 1 Page - Vishay Siliconix

  VS-GT400TH120N Datasheet HTML 1Page - Vishay Siliconix VS-GT400TH120N Datasheet HTML 2Page - Vishay Siliconix VS-GT400TH120N Datasheet HTML 3Page - Vishay Siliconix VS-GT400TH120N Datasheet HTML 4Page - Vishay Siliconix VS-GT400TH120N Datasheet HTML 5Page - Vishay Siliconix VS-GT400TH120N Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VS-GT400TH120N
www.vishay.com
Vishay Semiconductors
Revision: 12-Jun-15
1
Document Number: 94748
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molding Type Module IGBT,
2-in-1 Package, 1200 V and 400 A
FEATURES
•Low VCE(on) trench IGBT technology
• Low switching losses
• 10 μs short circuit capability
•VCE(on) with positive temperature coefficient
• Maximum junction temperature 150 °C
• Low inductance case
• Fast and soft reverse recovery antiparallel FWD
• Isolated copper baseplate using DCB (Direct Copper
Bonding) technology
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
•UPS
• Inverter for motor drive
• AC and DC servo drive amplifier
DESCRIPTION
Vishay’s IGBT power module provides ultralow conduction
loss as well as short circuit ruggedness. It is designed for
applications such as general inverters and UPS.
Note
(1) Repetitive rating: pulse width limited by maximum junction temperature.
PRODUCT SUMMARY
VCES
1200 V
IC at TC = 80 °C
400 A
VCE(on) (typical)
at IC = 400 A, 25 °C
1.70 V
Speed
8 kHz to 30 kHz
Package
Double INT-A-PAK
Circuit
Half bridge
Double INT-A-PAK
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Collector to emitter voltage
VCES
1200
V
Gate to emitter voltage
VGES
± 20
Collector current
IC
TC = 25 °C
600
A
TC = 80 °C
400
Pulsed collector current
ICM (1)
tp = 1 ms
800
Diode continuous forward current
IF
TC = 80 °C
400
Diode maximum forward current
IFM
tp = 1 ms
800
Maximum power dissipation
PD
TJ = 150 °C
2119
W
Short circuit withstand time
tSC
TJ = 125 °C
10
μs
RMS isolation voltage
VISOL
f = 50 Hz, t = 1 min
2500
V


Podobny numer części - VS-GT400TH120N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-GT400TH120U VISHAY-VS-GT400TH120U Datasheet
297Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V, 400 A
12-Jun-15
More results

Podobny opis - VS-GT400TH120N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-GB100TH120N VISHAY-VS-GB100TH120N Datasheet
163Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V and 100 A
10-Jun-15
VS-GB100TH120U VISHAY-VS-GB100TH120U Datasheet
167Kb / 8P
Molding Type Module IGBT, 2 in 1 Package, 1200 V and 100 A
10-Jun-15
VS-GB150TH120N VISHAY-VS-GB150TH120N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V and 150 A
10-Jun-15
VS-GB150TH120U VISHAY-VS-GB150TH120U Datasheet
126Kb / 7P
Molding Type Module IGBT, 2 in 1 Package, 1200 V and 150 A
10-Jun-15
VS-GB200TH120N VISHAY-VS-GB200TH120N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V and 200 A
12-Jun-15
VS-GB400AH120U VISHAY-VS-GB400AH120U Datasheet
108Kb / 6P
Molding Type Module IGBT, 1-in-1 Package, 1200 V and 400 A
22-Oct-15
VS-GT400TH60N VISHAY-VS-GT400TH60N Datasheet
165Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 600 V and 400 A
12-Jun-15
VS-GT400TH120U VISHAY-VS-GT400TH120U Datasheet
297Kb / 7P
Molding Type Module IGBT, 2-in-1 Package, 1200 V, 400 A
12-Jun-15
VS-GB400AH120U VISHAY-VS-GB400AH120U_V01 Datasheet
108Kb / 6P
Molding Type Module IGBT, 1-in-1 Package, 1200 V and 400 A
22-Oct-15
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com