Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SY02-FEC Arkusz danych(PDF) 3 Page - Raltron Electronics Corporation

Numer części SY02-FEC
Szczegółowy opis  HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RALTRON [Raltron Electronics Corporation]
Strona internetowa  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

SY02-FEC Arkusz danych(HTML) 3 Page - Raltron Electronics Corporation

  SY02-FEC Datasheet HTML 1Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 2Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 3Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 4Page - Raltron Electronics Corporation SY02-FEC Datasheet HTML 5Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SYNCHRONOUS EQUIPMENT
HIGH FREQUENCY CLOCK REGENERATOR - SY02-FEC
RALTRON ELECTRONICS CORP. 10651 N.W.19
th St Florida 33172 U.S.A.
Tel: 305 593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http:/www.raltron.com
PIN DESCRIPTION
Name
Description
Signal
Technology
VL
VH/ DC Voltage
Min
Typ
Max
Min
Typ
Max
1
Ref In
Input Reference Signal
LV/PECL
Vcc-1.680
Vcc-1.620
Vcc-1.560
Vcc-1.085
Vcc-1.025
Vcc-0.885
2
Ref In
Input Reference Complimentary signal
LV/PECL
Vcc-1.680
Vcc-1.620
Vcc-1.560
Vcc-1.085
Vcc-1.025
Vcc-0.885
3
LOL
Lock Detect Alarm out – High when locked; Low when
unlocked
DC
0
0.15
0.3
2.97
3.3
3.465
4
MNTR
VCXO Monitor out- DC control voltage offset indicator
(when locked shall be within);
0.3<Vmntr<3.0 (for 3.3V supply)
DC
0.3<Vmntr<3.0
6
N/C
No Connect
-----
-----
-----
----
------
------
------
7
GND
Ground
-----
-----
-----
----
------
------
------
8
Enable/Disable
Output Enable - > enables the output, active high or
floating
Disables the output, active low
DC
0
0.15
0.3
2.97
3.3
3.465
9
OUT
Oscillator Output -> Output of the module
LV/PECL
Vcc-1.680
Vcc-1.620
Vcc-1.560
Vcc-1.085
Vcc-1.025
Vcc-0.885
10
OUT
Oscillator Complementary Output -> Output of the module
LV/PECL
Vcc-1.680
Vcc-1.620
Vcc-1.560
Vcc-1.085
Vcc-1.025
Vcc-0.885
11
N/C
No Connect
-----
-----
-----
----
------
------
------
12
CNT
Frequency Select; Low-Primary Frequency; High
Secondary Frequency
DC
0
0.15
0.3
2.97
3.3
3.465
13
N/C
No Connect
-----
-----
-----
----
------
------
------
14
N/C
No Connect
-----
-----
-----
----
------
------
------
15
GND
Ground
-----
-----
-----
----
------
------
------
16
Vcc
Positive supply voltage
DC – 3.3V
-----
-----
----
2.97
3.3
3.465
ORDERING INFORMATION
o
Input/Output Frequencies available;
Frequency
Suffix
Frequency
Suffix
77.7600MHz
O3
168.0407MHz
C2
78.125MHz
B3
175.0000MHz
C3
78.6432MHz
B4
178.9440MHz
C4
82.9440MHz
B5
184.3200MHz
C5
92.6000MHz
U3
311.0400MHz
O6
100.000MHz
B6
622.0800MHz
O7
112.000MHz
B7
625.000MHz
C8
114.000MHz
B8
644.5312MHz
C9
125.000MHz
G2
666.5143MHz
C10
133.000MHz
G4
669.1281MHz
F1
139.264MHz
E6
669.3266MHz
F2
155.520MHz
O4
690.5692MHz
F3
156.250MHz
G6
710.9486MHz
F4
161.1328MHz
B9
719.7344MHz
F5
166.6286MHz
B10
777.6000MHz
F6
167.3316MHz
C1



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com