| Zakładka z wyszukiwarką danych komponentów |
|
ACPL-P346 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-P346 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 16 page ![]() 2 Ordering Information ACPL-P346 is UL Recognized with 3750 VRMS for 1 minute per UL1577. ACPL-W346 is UL Recognized with 5000 VRMS for 1 minute per UL1577. Part number Option Package Surface Mount Tape& Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-P346 ACPL-W346 -000E Stretched SO-6 X 100 per tube -500E X X 1000 per reel -060E X X 100 per tube -560E X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-P346-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/ DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: ACPL-W346-000E to order product of Stretched SO-6 Surface Mount package in Tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |