| Zakładka z wyszukiwarką danych komponentów |
|
ACPL-077L Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-077L Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 10 page ![]() 2 Ordering Information ACPL-077L is UL Recognized with 3750 Vrms for 1 minute per UL1577. Part number Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-077L -000E SO-8 X 100 per tube -060E X X 100 per tube -500E X X 1500 per reel -560E X X X 1500 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-077L-500E to order product of Mini-flat Surface Mount 8-pin package in Tape and Reel packaging with RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. Regulatory Information The ACPL-077L will be approved by the following organizations: UL Approval under UL 1577, component recognition program up to VISO = 3750 VRMS. CSA Approval under CSA Component Acceptance Notice #5. IEC/EN/DIN EN 60747-5-5 (Option 060E only) |