| Zakładka z wyszukiwarką danych komponentów |
|
ACPL-M483 Arkusz danych(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ACPL-M483 Arkusz danych(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 12 page ![]() 2 Ordering Information ACPL-M483/P483/W483 is UL recognized with 3750/3750/5000 Vrms/1 minute rating per UL 1577 respectively. Part number Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-M483 -000E SO-5 X 100 per tube -500E X X 1500 per reel -060E X X 100 per tube -560E X X X 1500 per reel ACPL-P483 ACPL-W483 -000E Stretched SO-6 X 100 per tube -500E X X 1000 per reel -060E X X 100 per tube -560E X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-P483-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/ DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: ACPL-P483-000E to order product of Stretched SO-6 Surface Mount package in Tube packaging and RoHS compliant. Example 3: ACPL-M483-000E to order product of SO-5 Surface Mount package in Tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |