| Zakładka z wyszukiwarką danych komponentów |
|
LP2954IS Arkusz danych(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2954IS Arkusz danych(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 13 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Operating Junction Temperature Range LP2954AI/LP2954I −40˚C to +125˚C Storage Temperature Range −65˚C to +150˚C Lead Temperature (Soldering, 5 seconds) 260˚C Power Dissipation (Note 2) Internally Limited Input Supply Voltage −20V to +30V ESD Rating 2 kV Electrical Characteristics Limits in standard typeface are for T J = 25˚C, bold typeface applies over the −40˚C to +125˚C temperature range. Limits are guaranteed by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods. Un- less otherwise noted: V IN = 6V, IL = 1 mA, CL = 2.2 µF. Symbol Parameter Conditions Typical 2954AI 2954I Units Min Max Min Max V O Output Voltage 5.0 4.975 5.025 4.950 5.050 V 4.940 5.060 4.900 5.100 1mA ≤ I L ≤ 250 mA 5.0 4.930 5.070 4.880 5.120 Output Voltage (Note 3) 20 100 150 ppm/˚C Temp. Coefficient Line Regulation V IN = 6V to 30V 0.03 0.10 0.20 % 0.20 0.40 Load Regulation I L = 1 to 250 mA 0.16 0.20 I L = 0.1 to 1 mA 0.04 0.20 0.30 % (Note 4) V IN–VO Dropout Voltage I L = 1 mA 60 100 100 mV (Note 5) 150 150 I L = 50 mA 240 300 300 420 420 I L = 100 mA 310 400 400 520 520 I L = 250 mA 470 600 600 800 800 I GND Ground Pin Current I L = 1 mA 90 150 150 µA (Note 6) 180 180 I L = 50 mA 1.1 2 2 mA 2.5 2.5 I L = 100 mA 4.5 6 6 88 I L = 250 mA 21 28 28 33 33 I GND Ground Pin V IN = 4.5V 170 170 Current at Dropout 120 210 210 µA (Note 6) I LIMIT Current Limit V OUT = 0V 380 500 500 mA 530 530 Thermal Regulation (Note 7) 0.05 0.2 0.2 %/W e n Output Noise C L = 2.2 µF 400 µV RMS Voltage (10 Hz to 100 kHz) C L = 33 µF 260 I L = 100 mA C L=33µF(Note 9) 80 www.national.com 3 |