Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RN2001 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części RN2001
Szczegółowy opis  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN2001 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  RN2001 Datasheet HTML 1Page - Toshiba Semiconductor RN2001 Datasheet HTML 2Page - Toshiba Semiconductor RN2001 Datasheet HTML 3Page - Toshiba Semiconductor RN2001 Datasheet HTML 4Page - Toshiba Semiconductor RN2001 Datasheet HTML 5Page - Toshiba Semiconductor RN2001 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RN2001
~RN2006
2001-06-07
1
Type No.
R1 (kΩ)
R2 (kΩ)
RN2001
4.7
4.7
RN2002
10
10
RN2003
22
22
RN2004
47
47
RN2005
2.2
47
RN2006
4.7
47
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
RN2001,RN2002,RN2003
RN2004,RN2005,RN2006
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN1001~RN1006
Equivalent Circuit and Bias Resister Values
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
−50
V
Collector-emitter voltage
RN2001~2006
VCEO
−50
V
RN2001~2004
−10
Emitter-base voltage
RN2005, 2006
VEBO
−5
V
Collector current
IC
−100
mA
Collector power dissipation
PC
400
mW
Junction temperature
Tj
150
°C
Storage temperature range
RN2001~2006
Tstg
−55~150

°C
JEDEC
TO-92
EIAJ
SC-43
TOSHIBA
2-5F1B
Weight: 0.21g
Unit: mm


Podobny numer części - RN2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
RN2004 TOSHIBA-RN2004 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
RN2004 TOSHIBA-RN2004 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
RN2004 TOSHIBA-RN2004 Datasheet
6Mb / 126P
COLOUR TELEVISION C9PJ Chassis
2000
RN2007 TOSHIBA-RN2007 Datasheet
170Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN2008 TOSHIBA-RN2008 Datasheet
170Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results

Podobny opis - RN2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6