Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAS116 Arkusz danych(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Numer części BAS116
Szczegółowy opis  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BILIN [Galaxy Semi-Conductor Holdings Limited]
Strona internetowa  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS116 Arkusz danych(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BAS116 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS116 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS116 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
Surface mount switching diode
BAS116
C031
www.gmicroelec.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BAS116
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
A
B
C
D
E
J
H
K
G
0.90
0.80
2.00
0.95
0.95



Html Pages

1 2 3