| Zakładka z wyszukiwarką danych komponentów |
|
TC2185 Arkusz danych(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC2185 Arkusz danych(HTML) 2 Page - Microchip Technology |
|
2 / 18 page ![]() TC2014/2015/2185 DS21662C-page 2 2003 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings † Input Voltage ................................................................... 6.5V Output Voltage ....................................... (– 0.3) to (VIN + 0.3) Operating Temperature ......................... – 40°C < TJ < 125°C Storage Temperature ................................. – 65°C to +150°C Maximum Voltage on Any Pin ................ VIN +0.3V to – 0.3V Maximum Junction Temperature ...................... ............ 150°C † Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. PIN FUNCTION TABLE Name Function VIN Unregulated Supply Input GND Ground Terminal SHDN Shutdown Control Input Bypass Reference Bypass Input VOUT Regulated Voltage Output ELECTRICAL CHARACTERISTICS Electrical Specifications: Unless otherwise specified, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C. BOLDFACE type specifications apply for junction temperature of -40°C to +125°C. Parameters Sym Min Typ Max Units Conditions Input Operating Voltage VIN 2.7 — 6.0 V Note 1 Maximum Output Current IOUTMAX 50 — — mA TC2014 100 — — TC2015 150 — — TC2185 Output Voltage VOUT VR - 2.0% VR ± 0.4% VR + 2.0% V Note 2 VOUT Temperature Coefficient TCVOUT —20 — ppm/°C Note 3 — 40 — Line Regulation ∆VOUT/∆VIN —0.05 0.5 %(VR + 1V) < VIN < 6V Load Regulation (Note 4) ∆VOUT/VOUT -1.0 0.33 +1.0 % TC2014;TC2015: IL = 0.1 mA to IOUTMAX -2.0 0.43 +2.0 TC2185: IL = 0.1 mA to IOUTMAX Note 4 Dropout Voltage VIN - VOUT —2 — mV Note 5 IL = 100 µA —45 70 IL = 50 mA —90 140 TC2015; TC2185 IL = 100 mA —140 210 TC2185 IL = 150 mA Supply Current IIN —55 80 µA SHDN = VIH, IL=0 Shutdown Supply Current IINSD — 0.05 0.5 µA SHDN = 0V Note 1: The minimum VIN has to meet two conditions: VIN = 2.7V and VIN = VR + VDROPOUT. 2: VR is the regulator output voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V. 3: 4: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation specification. 5: Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value at a V differential. 6: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to IMAX at VIN = 6V for T = 10 msec. 7: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem- perature and the thermal resistance from junction-to-air (i.e. TA, TJ, θJA). 8: Time required for VOUT to reach 95% of VR (output voltage setting), after VSHDN is switched from 0 to VIN. TCVOUT VOUTMAX VOUTMIN – () 10 6 – × VOUT T ∆ × ---------------------------------------------------------------------------- = |