Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NVATS5A302PLZ Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części NVATS5A302PLZ
Szczegółowy opis  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVATS5A302PLZ Arkusz danych(HTML) 2 Page - ON Semiconductor

  NVATS5A302PLZ Datasheet HTML 1Page - ON Semiconductor NVATS5A302PLZ Datasheet HTML 2Page - ON Semiconductor NVATS5A302PLZ Datasheet HTML 3Page - ON Semiconductor NVATS5A302PLZ Datasheet HTML 4Page - ON Semiconductor NVATS5A302PLZ Datasheet HTML 5Page - ON Semiconductor NVATS5A302PLZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVATS5A302PLZ
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS at Ta
 25C (Note 5)
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID = 1 mA, VGS = 0 V
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
10
A
Gate to Source Leakage Current
IGSS
VGS = 16 V, VDS = 0 V
10
A
Gate Threshold Voltage
VGS(th)
VDS = 10 V, ID = 1 mA
1.2
2.6
V
Forward Transconductance
gFS
VDS = 10 V, ID = 35 A
75
S
Static Drain to Source On-State
Resistance
RDS(on)1
ID = 35 A, VGS = 10 V
10
13
m
RDS(on)2
ID = 35 A, VGS = 4.5 V
13
18
m
Input Capacitance
Ciss
VDS = 20 V, f = 1 MHz
5,400
pF
Output Capacitance
Coss
500
pF
Reverse Transfer Capacitance
Crss
370
pF
Turn-ON Delay Time
td(on)
See Fig.2
35
ns
Rise Time
tr
430
ns
Turn-OFF Delay Time
td(off)
420
ns
Fall Time
tf
500
ns
Total Gate Charge
Qg
VDS = 36 V, VGS = 10 V, ID = 70 A
115
nC
Gate to Source Charge
Qgs
20
nC
Gate to Drain “Miller” Charge
Qgd
25
nC
Forward Diode Voltage
VSD
IS = 70 A, VGS = 0 V
1.0
1.5
V
Note 5 :Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted.
Product performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Fig.1 Unclamped Inductive Switching Test Circuit
Fig.2 Switching Time Test Circuit



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com